Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 47 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 43Page - STMicroelectronics M41T82 Datasheet HTML 44Page - STMicroelectronics M41T82 Datasheet HTML 45Page - STMicroelectronics M41T82 Datasheet HTML 46Page - STMicroelectronics M41T82 Datasheet HTML 47Page - STMicroelectronics M41T82 Datasheet HTML 48Page - STMicroelectronics M41T82 Datasheet HTML 49Page - STMicroelectronics M41T82 Datasheet HTML 50Page - STMicroelectronics M41T82 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
DocID012578 Rev 19
47/64
M41T82, M41T83
Clock operation
3.14.2
Backup mode
In backup mode, the operation of the output circuit is as shown in Table 15.
In backup mode, frequency test is disabled. Thus, the FT bit is a ‘don’t care’.
ABE enables interrupts in backup. If it is 0, the output pin is a 1 regardless of the other bits.
The pin is also a 1 when OUT is a 1 and no interrupts are enabled.
When OUT is 0 and ABE is a 1, the pin is 0 regardless of the interrupts.
Thus, in order to enable interrupts in backup mode, OUT must be a 1 and ABE must be a 1,
and one or more of the interrupt enables must be a 1.
Simultaneous interrupts
Since more than one interrupt source can cause the IRQ1/FT/OUT pin to go low, more than
one interrupt may be pending when the microprocessor services the interrupt. Therefore,
the application software should read the flags register (0Fh) to discern which condition or
conditions are causing the pin to be asserted.
Also be aware that once a flag causes the pin to assert, other flags could subsequently also
go true. Since the pin is already low due to the first, no additional output transition will occur.
That is why the software must check the flags register.
Example: If the watchdog is in use and the oscillator fail detect interrupt is enabled, and the
watchdog times out, the IRQ1/FT/OUT pin will go low. If, in the intervening time before the
processor services the interrupt, something disturbs the oscillator, such as a drop of
moisture landing on the crystal pins, the OF bit will also be set. Thus, when the software
services the interrupt, it must service both sources: it must re-initialize the watchdog and
clear the OF bit in order to de-assert the IRQ1/FT/OUT pin. By reading the flags register, the
software will know both flags were set and that both need service.
Table 15. Priority for IRQ1/FT/OUT pin when operating in backup mode
OUT(1)
ABE(2)
A1IE(3)
+ OFIE(4)
Pin
Comment
x
0
x
1
When ABE is 0, the pin is 1 regardless of OUT or
the interrupt sources.
1
x
0
1
When OUT is 1 and no interrupts are enabled,
the pin is 1. (A1IE and OFIE are the only
interrupts applicable in this mode).
0
1
x
0
When ABE is 1 and OUT is 0, OUT dominates
and regardless of the interrupt sources.
1
1
1
IRQ
When one or more interrupts are enabled, ABE is
a 1, and OUT is a 1, the pin stays high until one of
the interrupts is asserted.
1.
OUT is bit 7 of register 08h (digital calibration).
2.
ABE is bit 5 of register 0Ah (alarm 1, month).
3.
A1IE is bit 7 of register 0Ah (alarm 1, month).
4.
OFIE is bit 7 of register 09h (watchdog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com