Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 2Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 3Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 4Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 5Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 6Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 7Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 9Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
6
DC Characteristics
Table 4. SUPPLIES
(Conditions for all current and charge values unless otherwise specified are for the DVK−SIP−SFEU−1−GEVK hardware configuration.)
Symbol
Description
Condition
Min
Typ
Max
Units
TAMB
Operational ambient temperature
−30
27
85
°C
VDDIO
I/O and voltage regulator supply
voltage
2.1
3.0
3.6
V
VDDIO R1
I/O voltage ramp for reset activation
(Note 2)
Ramp starts at VDD IO ≤ 0.1 V
0.1
V/ms
VDDIO R2
I/O voltage ramp for reset activation
(Note 2)
Ramp starts at 0.1 V < VDD IO < 0.7 V
3.3
V/ms
IDS
Deep sleep mode current
AT$P = 2
180
nA
ISLP
Sleep mode current
AT$P = 1
1.2
mA
ISTDBY
Standby mode current (Note 3)
0.55
mA
IRX_CONT
Current consumption continuous RX
AT$SE
14
mA
QSFX_OOB_14
Charge to send a Sigfox out of band
message, nominal transmitter power
(Note 4)
AT$SO
0.24
C
QSFX_BIT_14
Charge to send a bit, nominal
transmitter power (Note 4)
AT$SB = 0
0.16
C
QSFX_BITDL_14
Charge to send a bit with downlink
receive, nominal transmitter power
(Note 4)
AT$SB = 0,1
0.44
C
QSFX_LFR_14
Charge to send the longest possible
Sigfox frame (12 byte), nominal
transmitter power (Note 4)
AT$SF = 00112233445566778899aabb
0.29
C
QSFX_LFRDL_14
Charge to send the longest possible
Sigfox frame (12 byte) with downlink
receive, nominal transmitter power
(Note 4)
AT$SF = 00112233445566778899aabb,1
0.57
C
ITXMOD14AVG
Modulated Transmitter Current
(Note 5)
Pout = 13 dBm; average
45
mA
2. If VDD_IO ramps cannot be guaranteed, an external reset circuit is recommended, see the AX8052 Application Note: Power On Reset.
3. 20 MHz Fast RC oscillator, voltage conditioning and supervisory circuit running.
4. Power setting 14, which gives 13 dBm typical power at nominal temperature.
5. Current consumption value is given for a matching network that is optimized for maximum power (setting 14, also nominal setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com