Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 15 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 15Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 16Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 17Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 18Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
15
Table 9. COMMANDS (continued)
Command
Description
Name
AT:DAC=OFF
Turn off SD DAC
Switch off the DAC
AT:DAC?
Get SD DAC
Return the DAC value
AT$TM=mode,config
Activates the Sigfox Testmode Available test modes:
0. TX BPSK
Send only BPSK with Synchro Bit + Synchro frame +
PN sequence: No hopping centered on the TX_frequency. Config
bits 0 to 6 define the number of repetitions. Bit 7 of config defines if
a delay is applied or not between the frames in the loop (1 means no
delay).
1. TX Protocol:
Tx mode with full protocol with Sigfox key: Send Sigfox protocol
frames with initiate downlink flag = True. Config defines the number
of repetitions.
2. RX Protocol:
This mode tests the complete downlink protocol in Downlink only.
Config defines the RX on time in seconds.
3. RX GFSK:
RX mode with known pattern with SB + SF + Pattern on
RX_frequency (internal comparison with received frame ⇔ known
pattern = AA AA B2 27 1F 20 41 84 32 68 C5 BA AE 79 E7 F6 DD
9B. Config defines the number of repetitions.
4. RX Sensitivity:
Does uplink + downlink frame with Sigfox key and specific timings.
This test is specific to Sigfox’s test equipment & software.
5. TX Synthesis:
Does one uplink frame on each Sigfox channel to measure
frequency synthesis step.
AT$SE
Starts
AT$TM=3,255 indefinitely
Convenience command for sensitivity tests
AT$SL[=frame]
Send local loop
Sends a local loop frame with optional payload of 1 to 12 bytes.
Default payload: 0x84, 0x32, 0x68, 0xC5, 0xBA, 0x53, 0xAE, 0x79,
0xE7, 0xF6, 0xDD, 0x9B.
AT$RL
Receive local loop
Starts listening for a local loop.
AT$TP=repetitions
Transient power
measurements mode
Used for transmitter transient power measurements. The command
switches the transmitter ON and OFF. During ON state (pseudo)
random bit pattern is send. Repetitions is the number of performed
measurements, acceptable range is 1−255.
AT$PN=mode,repetitions
Send & Receive PN9
bitstream for BER
measurements
Available modes:
0: send PN9 bit stream. Repetitions = 1 is required to start sending.
Repetitions = 0 stops sending
3: receive PN9 bit stream, calculate BER with 3 digits precision
4: receive PN9 bit stream, calculate BER with 4 digits precision
5: receive PN9 bit stream, calculate BER with 5 digits precision
Mode = 3−5 receives the PN9 bitstream and decodes it into an actual
BER measurement. Reports the BER for each repetition.
Repetitions is the number of performed measurements, acceptable
range is 1−255. Higher precision result takes longer time to compute.
PN9 is 9−bit pseudo random binary sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com