Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 14 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 10Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 15Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 16Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 17Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
14
Table 9. COMMANDS (continued)
Command
Description
Name
AT:Pn=?
Get GPIO Pin Range
Print a list of possible modes for a pin. The table below lists the
response.
Pin
Modes
P0
0, 1, Z, U, A, T
P1
0, 1, Z, U, A
P2
0, 1, Z, U, A
P3
0, 1, Z, U, A
P4
0, 1, Z, U, T
P5
0, 1, Z, U
P6
0, 1, Z, U
P7
0, 1, Z, U
P8
0, 1, Z, U
P9
0, 1, Z, U
P10
0, 1, Z, U
P11
0, 1, Z, U
P12
0, 1, Z, U, A
P13
0, 1, Z, U, A
P14
0, 1, Z, U
AT:Pn=mode
Set GPIO Pin
Set the GPIO pin mode.
For a list of the modes see the command AT:Pn?
AT:ADC Pn[−Pn[ (1V|10V)]]?
Get GPIO Pin Analog Voltage
Measure the voltage applied to a GPIO pin. The command also allows
measurement of the voltage difference across two GPIO pins. In
differential mode, the full scale range may also be specified as 1 V or
10 V. Note however that the pin input voltages must not exceed the
range 0…VDD_IO. The command returns the result as fraction of the
full scale range (1 V if none is specified). The GPIO pins referenced
should be initialized to analog mode before issuing this command.
AT:SPI[(A|B|C|D)]=bytes
SPI Transaction
This command clocks out bytes on the SPI port. The clock frequency is
312.5 kHz. The command returns the bytes read on MISO during output.
Optionally the clocking mode may be specified (default is A):
Mode
Clock Inversion
Clock Phase
A
normal
normal
B
normal
alternate
C
inverted
normal
D
inverted
alternate
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
SEL(GPIOx)
MOSI
MISO
SCK
A
B
C
D
Note that SEL, if needed, is not generated by this command, and must
instead be driven using standard GPIO commands (AT:Pn=0|1).
AT:CLK=freq,reffreq
Set Clock Generator
Output a square wave on the pin(s) set to T mode. The frequency of
the square wave is (freq / 216) × reffreq. Possible values for reffreq are
20000000, 10000000, 5000000, 2500000, 1250000, 625000, 312500,
156250. Possible values for freq are 0…65535.
AT:CLK=OFF
Turn off Clock Generator
Switch off the clock generator
AT:CLK?
Get Clock Generator
Return the settings of the clock generator. Two numbers are returned,
freq and reffreq.
AT:DAC=value
Set SD DAC
Output a SD DAC value on the pin(s) set to T mode. Parameter value
may be in the range −32768…32767. The average output voltage is
(1/2 + value / 217) × VDD.
An external low pass filter is needed to get smooth output voltages.
The modulation frequency is 20 MHz. A possible low pass filter choice
is a simple RC low pass filter with R = 10 kW and C = 1 mF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com