Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 8 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 4Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 5Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 6Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 7Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 9Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 10Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
8
Table 5. LOGIC
Symbol
Description
Condition
Min
Typ
Max
Units
DIGITAL INPUTS
VT+
Schmitt trigger low to high threshold point
VDD_IO = 3.3 V
1.55
V
VT−
Schmitt trigger high to low threshold point
1.25
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
VIPA
Input voltage range, GPIO[3:0] and GPIO[13:12]
−0.5
VDD_IO
V
VIPBC
Input voltage range, GPIO[9:4], UARTRX
−0.5
5.5
V
IL
Input leakage current
−10
10
mA
RPU
Programmable Pull−Up Resistance
65
kW
DIGITAL OUTPUTS
IOH
Output Current, high
GPIO[14:0], UARTTX, TXLED, RXLED, TXLED,
CPULED
VOH = 2.4 V
8
mA
IOL
Output Current, low
GPIO[14:0], UARTTX, TXLED, RXLED, TXLED,
CPULED
VOL = 0.4 V
8
mA
IOZ
Tri−state output leakage current
−10
10
mA
AC Characteristics
Table 6. TRANSMITTER
(Conditions for transmitter specifications unless otherwise specified are for DVK−SIP−SFEU−1−GVK hardware configuration and at
868.130 MHz frequency.)
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
100
bps
PTXmin
Lowest Transmitter output power (Note 6)
AT$CW=868130000,1,0
−1
dBm
PTXmax
Highest Transmitter output power (Note 6)
AT$CW=868130000,1,14
13
dBm
PTXstep
Programming step size output power
1
dB
dTXtemp
Transmitter power variation vs. temperature
−30°C to +85°C
±0.8
dB
dTXVdd
Transmitter power variation vs. VDD_IO
2.1 to 3.6 V
±0.03
dB
PTXharm2
Emission @ 2nd harmonic
−58
dBc
PTXharm3
Emission @ 3rd harmonic
−80
PTXharm4
Emission @ 4th harmonic
−86
6. The output power of the AX−SIP−SFEU / AX−SIP−SFEU−API can be programmed in 1 dB steps, by changing transmitter power setting from
0 − 14. The lowest power setting is 0, which gives −1 dBm typical power at nominal temperature. The highest power setting is 14, which gives
13 dBm typical power at nominal temperature and close to 14 dBm typical power at minimum temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com