Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 10 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 6Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 7Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 9Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 10Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
10
Table 8. ADC/TEMPERATURE SENSOR
Symbol
Description
Condition
Min
Typ
Max
Units
ADCRES
ADC resolution
10
Bits
VADCREF
ADC reference voltage
0.95
1
1.05
V
ZADC00
Input capacitance
2.5
pF
DNL
Differential nonlinearity
±1
LSB
INL
Integral nonlinearity
±1
LSB
OFF
Offset
3
LSB
GAIN_ERR Gain error
0.8
%
ADC IN DIFFERENTIAL MODE
VABS_DIFF Absolute voltages & common mode voltage in
differential mode at each input
0
VDD_IO
V
VFS_DIFF01 Full swing input for differential signals
Gain ×1
−500
500
mV
VFS_DIFF10
Gain ×10
−50
50
mV
ADC IN SINGLE ENDED MODE
VMID_SE
Mid code input voltage in single ended mode
0.5
V
VIN_SE00
Input voltage in single ended mode
0
VDD_IO
V
VFS_SE01
Full swing input for single ended signals
Gain ×1
0
1
V
TEMPERATURE SENSOR
TRNG
Temperature range
AT$T?
−30
85
°C
COMMAND INTERFACE
General Information
The chapter “Command Interface” is a documentation of
the AT−Command set for devices which do not have an
API−interface. To see whether the device is capable of
receiving AT−Commands, please refer to the table “Device
Versions”. If the device has been shipped with the
API−Interface, please refer to the SW manual and
“apiexample”
code
delivered
with
AX−SIP−SF−LIB−1−GEVK for an introduction on how to
setup a project and how to use the API−Interface.
Serial Parameters: 9600, 8, N, 1
The AX−SIP−SFEU uses the UART (pins UARTTX,
UARTRX) to communicate with a host and uses a bitrate of
9600 baud, no parity, 8 data bits and one stop bit.
Power Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com