Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 17 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 15Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 16Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 17Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 18Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 19Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
17
SIP38 RECOMMENDED PAD LAYOUT
1. PCB land and solder masking recommendations
are shown in Figure 6.
Figure 6. PCB Land and Solder Mask Recommendations
A = Clearance from PCB thermal pad to solder mask opening, 0.0635 mm
minimum
B = Clearance from edge of PCB thermal pad to PCB land, 0.2 mm minimum
C = Clearance from PCB land edge to solder mask opening to be as tight as
possible to ensure that some solder mask remains between PCB pads
D = PCB land length = SIP solder pad length + 0.1 mm
E = PCB land width = SIP solder pad width + 0.1 mm
F = Clearance from solder mask opening to the edge of the package,
0.1 mm minimum to avoid shorts to the package metal shielding
CD
E
B
A
F
Solder Mask
PCB
Thermal Pad
PCB Land
Solder Mask
Opening
2. Thermal vias should be used around the PCB
thermal pads (middle ground pads) to improve
thermal conductivity from the device to a copper
ground plane area on the reverse side of the
printed circuit board. The number of vias depends
on the package thermal requirements, as
determined by thermal simulation or actual testing.
3. Increasing the number of vias through the printed
circuit board will improve the thermal
conductivity to the reverse side ground plane and
external heat sink. In general, adding more metal
through the PC board under the SiP will improve
operational heat transfer, but will require careful
attention to uniform heating of the board during
assembly.
Assembly Process
Stencil Design & Solder Paste Application
1. Stainless steel stencils are recommended for solder
paste application.
2. A stencil thickness of 0.125–0.150 mm
(5–6 mils) is recommended for screening.
3. For the PCB thermal pads, solder paste should be
printed on the PCB by designing a stencil with an
array of 6 openings for each of the 6 thermal/GND
pads.
4. The aperture opening for the signal pads should be
between 50−80% of the SIP pad area as shown in
Figure 7.
5. Optionally, for better solder paste release, the
aperture walls should be trapezoidal and the
corners rounded.
6. The fine pitch of the SiP leads requires accurate
alignment of the stencil and the printed circuit
board. The stencil and printed circuit assembly
should be aligned to within + 1 mil prior to
application of the solder paste.
7. No−clean flux is recommended since flux from
underneath the thermal pad will be difficult to
clean if water−soluble flux is used.
Figure 7. Solder Paste Application on Pins
Minimum 50% Coverage
62% Coverage
Maximum 80% Coverage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com