Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 1 Page - ON Semiconductor

  AX-SIP-SFEU-API Datasheet HTML 1Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 2Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 3Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 4Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 5Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 6Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 7Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2017
October, 2018 − Rev. 2
1
Publication Order Number:
AX−SIP−SFEU/D
AX-SIP-SFEU,
AX-SIP-SFEU-API
Ultra-Low Power, Ultra
Compact, AT Command /
API Controlled, Sigfox)
Verified Transceiver SiP
for Up-Link and Down-Link
OVERVIEW
Circuit Description
AX−SIP−SFEU and AX−SIP−SFEU−API are ultra−low
power, ultra compact System−in−Package (SiP) solutions
for a node on the Sigfox network with both up− and
down−link functionality.
With a footprint of just 7 mm
× 9 mm and conformal
shielding, the AX−SIP−SFEU SiP, contains all the necessary
components and firmware for transmit and receive
operation on the European Sigfox network. No additional
passive components or reference frequency providing parts
are required on the customer’s PCB. A single−ended 50
W
antenna port is provided.
The AX−SIP−SFEU connects to the customer product
using a logic level RS232 UART. AT commands are used to
send frames and configure radio parameters.
The AX−SIP−SFEU−API variant is intended for
customers wishing to write their own application software
based on the AX−SIP−SF−LIB−1−GEVK library.
Features
Functionality and Ecosystem
• Single package, zero external components, full Sigfox
up−link and down−link functionality controlled by AT
commands or API
• The AX−SIP−SFEU and AX−SIP−SFEU−API SiPs are
part of a whole development and product ecosystem
available from ON Semiconductor for any Sigfox
requirement. Other parts of the ecosystem include
♦ Ready to go development kit
DVK−SIP−SFEU−[API]−1−GEVK including
a 2 year Sigfox subscription
• Sigfox® Verified
General Features
• SIP38 9 mm × 7 mm package
• Conformal shielding
• Supply range 2.1 V − 3.6 V
• −30°C to 85°C
• Temperature sensor
• Supply voltage measurements
• 15 GPIO pins
♦ 6 GPIO pins with selectable voltage measure
functionality, differential (1 V or 10 V range) or
single ended (1 V range) with 10 bit resolution
♦ 2 GPIO pins with selectable sigma delta DAC
output functionality
♦ 2 GPIO pins with selectable output clock
♦ 3 GPIO pins selectable as SPI master interface
♦ Integrated RX/TX switching with single−ended
50
W antenna pin
Power Consumption
• Ultra−low Power Consumption:
♦ Charge required to send a Sigfox OOB packet at
nominal transmitter power (13 dBm typical at
nominal temperature): 0.24 C
♦ Deep Sleep mode current: 180 nA
♦ Sleep mode current: 1.2
mA
♦ Standby mode current: 0.55 mA
Features (Continued)
♦ Continuous radio RX−mode at 869.525 MHz:
14 mA
♦ Continuous radio TX−mode at 868.130 MHz:
45 mA @ nominal transmitter power (13 dBm)
High Performance Narrow−band Sigfox RF Transceiver
• Receiver
♦ Carrier frequency 869.525 MHz
♦ Data−rate 600 bps FSK
♦ Sensitivity
−125 dBm @ 600 bps, 869.525 MHz, GFSK
♦ 0 dBm maximum input power
• Transmitter
♦ Carrier frequency 868.13 MHz
♦ Data−rate 100 bps PSK
♦ High efficiency, high linearity integrated power
amplifier
♦ Maximum output power 13 dBm
♦ Power level programmable in 1 dBm steps
Applications
• Sigfox networks up−link and down−link
www.onsemi.com


Similar Part No. - AX-SIP-SFEU-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
More results

Similar Description - AX-SIP-SFEU-API

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
Ultra Compact SIP package
logo
ON Semiconductor
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
logo
Maxim Integrated Produc...
MAX14828 MAXIM-MAX14828 Datasheet
1Mb / 39P
Low-Power, Ultra-Small IO-Link Device Transceiver
Rev 0; 6/17
logo
ON Semiconductor
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com