Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 11 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 7Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 9Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 10Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
11
Standby
After Power−Up and after finishing a Sigfox
transmission, AX−SIP−SFEU enters Standby mode. In
Standby mode, AX−SIP−SFEU listens on the UART for
commands from the host. Also, OOB frames are transmitted
whenever the OOB timer fires. To conserve power, the
AX−SIP−SFEU can be put into Sleep or turned off (Deep
Sleep) completely.
Sleep
The command AT$P=1 is used to put the AX−SIP−SFEU
into Sleep mode. In this mode, only the wakeup timer for
out−of−band messages is still running. To wake the
AX−SIP−SFEU up from Sleep mode toggle the serial
UARTRX pin, e.g. by sending a break (break is an RS232
framing violation, i.e. at least 10 bit durations low). When
an Out of Band (OOB) message is due, AX−SIP−SFEU
automatically wakes up to transmit the message, and then
returns to Sleep mode.
Deep Sleep
In Deep Sleep mode, the AX−SIP−SFEU is completely
turned off and only draws negligible leakage current.
Deep Sleep mode can be activated with AT$P=2. To
wake−up from Deep Sleep mode, GPIO9 is pulled to GND.
When using Deep Sleep mode, keep two things in mind:
Everything is turned off, timers are not running at all and all
settings will be lost (use AT$WR to save settings to flash
before entering Deep Sleep mode). Out−of−band messages
will therefore not be sent. The pins states are frozen in Deep
Sleep mode. The user must ensure that this will not result in
condition which would draw a lot of current.
AT Commands
Numerical Syntax
hexdigit ::= [0−9A−Fa−f]
Hexnum ::= “0x” hexdigit+
decnum ::= “0” | [1−9] [0−9]*
octnum ::= “0” [0−7]+
binnum ::= “0b” [01]+
bit ::= [01]
optnum ::= “−1”
Frame ::= (hexdigit hexdigit)+
uint ::= hexnum | decnum | octnum | binnum
uint_opt
::= uint | optnum
Command Syntax
A command starts with ‘AT’ (everything is case
sensitive!), continues with the actual command followed by
parameters (if any) and ends with any kind of whitespace
(space, tab, newline etc.)
If incorrect syntax is detected (“parsing error”) all input
is ignored up until the next whitespace character.
Also note that any number can be entered in any format
(Hexadecimal, Decimal, Octal and binary) by adding the
corresponding prefix (‘0x’, ‘0’, ‘0b’). The only exception is
the ‘Send Frame’ command (AT$SF) which expects a list of
hexadecimal digits without any prefix.
Return Codes
A successful command execution is indicated by sending
‘OK’. If a command returns a value (e.g. by querying
a register) only the value is returned.
Examples
Bold text is sent to AX−SIP−SFEU.
AT$I=0
AX−SF 1.1−RC1
Here, we execute command ‘I’ to query some general
information.
AT$SF=aabb1234
OK
This sends a Sigfox frame containing {0xAA : 0xBB : 0x12
: 0x34} without waiting for a response telegram.
AT$SF=0011223344,1
OK
RX=AA BB CC DD
This sends a Sigfox frame containing {0x00 : 0x11 : 0x22 :
0x33 : 0x44}, then waits for a downlink response telegram,
which in this example contains {0xAA : 0xBB : 0xCC :
0xDD}.
AT$CB=0xAA,1
OK
The ‘CB’ command sends out a continuous pattern of bits,
in this case 0xAA = 0b10101010.
AT$P=1
OK
This transitions the device into sleep mode. Out−of−band
transmissions will still be triggered. The UART is powered
down. The device can be woken up by a low level on the
UART signal, i.e. by sending break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com