Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIP-SFEU-API Datasheet(PDF) 12 Page - ON Semiconductor

Part # AX-SIP-SFEU-API
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AX-SIP-SFEU-API Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 9Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 10Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 15Page - ON Semiconductor AX-SIP-SFEU-API Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
12
Table 9. COMMANDS
Command
Name
Description
AT
Dummy Command
Just returns ‘OK’ and does nothing else. Can be used to check
communication.
AT$SB=bit[,bit]
Send Bit
Send a bit status (0 or 1). Optional bit flag indicates if AX−SIP−SFEU
should receive a downlink frame.
AT$SF=frame[,bit]
Send Frame
Send payload data, 1 to 12 bytes. Optional bit flag indicates if
AX−SIP−SFEU should receive a downlink frame.
AT$SO
Manually send out of band
message
Send the out−of−band message.
AT$TR?
Get the transmit repeat
Returns the number of transmit repeats. Default: 2
AT$TR=?
Get transmit repeat range
Returns the allowed range of transmit repeats.
AT$TR=uint
Set transmit repeat
Sets the transmit repeat, sets only for transmit with downlink frame.
ATSuint?
Get Register
Query a specific configuration register’s value. See Table 10 “Registers”
for a list of registers.
ATSuint=int
Set Register
Change a configuration register.
ATSuint=?
Get Register Range
Returns the allowed range of the register values.
AT$IF=uint
Set TX Frequency
Set the output carrier macro channel for Sigfox frames.
AT$IF?
Get TX Frequency
Get the currently chosen TX frequency.
AT$DR=uint
Set RX Frequency
Set the reception carrier macro channel for Sigfox frames.
AT$DR?
Get RX Frequency
Get the currently chosen RX frequency.
AT$CW=uint,bit[,uint_opt]
Continuous Wave
To run emission tests for Sigfox certification it is necessary to send a
continuous wave, i.e. just the base frequency without any modulation.
Parameters:
Name
Range
Description
Frequency
800000000−
Continuous wave frequency in Hz.
999999999, 0
Use 868130000 for Sigfox or 0 to
keep previous frequency.
Mode
0, 1
Enable or disable carrier wave.
Power
0−14
Signal power setting | Default: 14
AT$CB=uint_opt,bit
Test Mode: TX constant byte
For emission testing it is useful to send a specific bit pattern. The first
parameter specifies the byte to send. Use ‘−1’ for a (pseudo−)random
pattern. Parameters:
Name
Range
Description
Pattern
0−255, −1
Byte to send. Use ‘−1’ for a
(pseudo−)random pattern.
Mode
0, 1
Enable or disable pattern test
mode.
AT$T?
Get Temperature
Measure internal temperature and return it in 1/10th of a degree Celsius.
AT$V?
Get Voltages
Return current voltage and voltage measured during the last
transmission in mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com