Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 6 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 6 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 2Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 3Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 4Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 5Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 6Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 9Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
DS501-00078-1v1-E
MS85R4M2TA
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Min
Max
Power Supply Voltage*
VDD
− 0.5
+ 4.0
V
Input Pin Voltage*
VIN
− 0.5
VDD + 0.5 ( ≤ 4.0)
V
Output Pin Voltage*
VOUT
− 0.5
VDD + 0.5 ( ≤ 4.0)
V
Operation Ambient Temperature
TA
− 40
+ 105
°C
Storage Temperature
Tstg
− 55
+ 125
°C
* : All voltages are referenced to VSS (ground 0 V).
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage,
current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these
ratings.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power Supply Voltage*1
VDD
1.8
3.3
3.6
V
Operation Ambient Temperature*2
TA
− 40
―
+ 105
°C
*1: All voltages are referenced to VSS (ground 0 V).
*2: Ambient temperature when only this device is working. Please consider it to be the almost same as the
package surface temperature.
WARNING: The recommended operating conditions are required in order to ensure the normal
operation of the semiconductor device. All of the device's electrical characteristics are
warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device
failure.
No warranty is made with respect to uses, operating conditions, or combinations not
represented on the data sheet. Users considering application outside the listed conditions
are advised to contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com