Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 4Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 5Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 6Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 9Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 10Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 11Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
DS501-00078-1v1-E
MS85R4M2TA
2. AC Characteristics
・
AC Test Conditions
Power Supply Voltage
: 1.8 V to 3.6 V
Operation Ambient Temperature : − 40 °C to + 105 °C
Input Voltage Amplitude
: 0 V / VDD
Input Rising Time
: 3 ns
Input Falling Time
: 3 ns
Input Evaluation Level
: VDD/2
Output Evaluation Level
: VDD/2
Output Load Capacitance
: 30 pF
(1) Read Cycle
Parameter
Symbol
TA≤+85°C
Unit
Value
(VDD=1.8V to 2.5V)
Value
(VDD=2.5V to 3.6V)
Min
Max
Min
Max
Read Cycle time(/CE control)
tRC
120
―
120
―
ns
Read Cycle time(Address access)
tRCA
135
―
120
―
ns
/CE Access Time
tCE
―
65
―
65
ns
Address Access Time
tAA
―
135
―
120
ns
/CE Output Data Hold time
tOH
0
―
0
―
ns
Address Access Output Data Hold
time
tOAH
20
―
20
―
ns
/CE Active Time
tCA
65
―
65
―
ns
Pre-charge Time
tPC
55
―
55
―
ns
/LB, /UB Access Time
tBA
―
35
―
20
ns
Address Setup Time
tAS
0
―
0
―
ns
Address Hold Time
tAH
65
―
65
―
ns
/CE↑ to
Address Transition time*1
tCAH
0
―
0
―
ns
/OE Access Time
tOE
―
35
―
20
ns
/CE Output Floating Time*1
tHZ
―
10
―
10
ns
/OE Output Floating Time
tOHZ
―
10
―
10
ns
/LB, /UB Output Floating Time
tBHZ
―
10
―
10
ns
Address Transition Time*1
tAX
―
15
―
15
ns
*1: Same parameters with the Write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com