Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 11 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 11 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 9Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 10Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 11Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 12Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 13Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 14Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 15Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DS501-00078-1v1-E
11
MS85R4M2TA
3. Pin Capacitance
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VDD
= 3.3 V,
VIN = VOUT = 0V~VDD,
f = 1 MHz, TA = + 25 °C
―
―
6
pF
Input/Output Capacitance (I/O pin)
CI/O
―
―
8
pF
/ZZ Pin Input Capacitance
CZZ
―
―
8
pF
AC Test Load Circuit
Output
1.2kΩ
30pF
VDD
0.95kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com