Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 17 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 17 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 13Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 14Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 15Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 16Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 17Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 18Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 19Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 20Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DS501-00078-1v1-E
17
MS85R4M2TA
POWER ON/OFF SEQUENCE
When applying relatively short term VDD pulse whose peak is more than 1.7V, it is required to set falling time, tVF
more than 0.4ms/V. (In case VDD rises over 1.7V and falls just after that, if this term is short, device may lose
its function.)
FeRAM CHARACTERISTICS
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1013 *2
―
Times
Operation Ambient Temperature
TA = + 105 °C
1014
―
Operation Ambient Temperature
TA = + 85 °C
Data Retention*3
10
―
Years
Operation Ambient Temperature
TA = + 105 °C
40
Operation Ambient Temperature
TA = + 85 °C
95
―
Operation Ambient Temperature
TA = + 55 °C
≥ 200
―
Operation Ambient Temperature
TA = + 35 °C
*1: The values for Read/Write Endurance apply to the total number of read and write operations per row in
FeRAM. This is because FeRAM needs writing operation after each reading operations. When
switching rows, the number of Read/Write operations is counted for each selected row. However, if
only addresses A0 and A1 are switched, no row switching occurs. The memory consists of 64 internal
outputs per row, and switching only A0 and A1 selects 16 of these outputs. Each row in the memory
array has 64 internal outputs, and 16 outputs are selected by A0 and A1. Therefore, once a certain
address is selected, switching only A0 and A1 does not change the selected row, and the Read/Write
count is totaled as one operation. For other address switches, each corresponding row is counted once.
*2: Evaluating about minimum Read/Write Endurance at +105℃, over 1013 times.
*3: The minimum value of Date Retention refers to data retention term from first read/write after the device
shipped. The value is estimated from qualification results.
NOTE ON USE
• We recommend programming of the device after reflow. Data written before reflow cannot be
guaranteed.
* : /CE (Max) < V
DD+0.3V
/CE Don’t Care
t
PD
t
PU
/CE >V
DD×0.8*
/CE>V
DD×0.8*
t
VF
t
VR
/CE
V
DD
V
SS
V
IH(Min)
V
IL(Max)
V
DD(Min)
1.0V
V
DD
V
IH(Min)
V
IL(Max)
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com