Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 23 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 23 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 18Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 19Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 20Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 21Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 22Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 23Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 24Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 25Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 26Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DS501-00078-1v1-E
23
MS85R4M2TA
1.2 IC orientation
1.3 Product label indicators
Label I: Label on Inner box/Moisture Barrier Bag/ (It sticks it on the reel for the emboss taping)
[C-3 Label (50mm x 100mm) Supplemental Label (20mm x 100mm)]
(Part number)
(Part number)
(Control number bar code)
XX/XX
XXXX-XXX XXX
XXXX-XXX XXX
(Lot Number and qua ntity)
(Package count)
(Part number bar code)
(Part number and qua ntity)
(Control number bar code)
QC PASS
XXXXXXXXXXXXX
X
XXXX/XX/XX (Packed years/mo nth/d ay)
ASSEMBLED IN xxxx
(3N)1XXXXXXXXXXXXX
X
XXX
(Quantity)
(3N)2XXXXXXXXX
X
XXX pcs
XXXXX
X
XXXXXXXXXXXXX
X
(Part number)
XXXXXXXXXXXXX
X
(Comme nt)
XXXXXXXXXXXXX
X
(Control number )
XXXXXXXXX
X
(LEAD FREE ma
rk)
C3-Label
Perforated line
Supplemental Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com