Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 12 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 12 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 9Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 10Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 11Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 12Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 13Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 14Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 15Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 16Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
DS501-00078-1v1-E
MS85R4M2TA
TIMING DIAGRAMS
1. Read Cycle Timing 1 (/CE, /OE, /UB, /LB Control)
2. Read Cycle Timing 2 (Address Access)
XXX:H or L
t
PC
t
AS
t
AH
t
CE
tOE
t
CA
t
HZ
t
OHZ
t
OH
A0~A17
I/O0~I/O15
/CE
/OE
t
RC
Valid Address
Valid Output Data
t
BA
t
BHZ
/UB, /LB
t
CAH
XXX:H or L
t
RCA
tAA
t
RCA
A2~A17
I/O0~I/O15
/CE = /OE = /UB = /LB = L,/WE = H
Valid Address 1
Valid Output Data 1
tOAH
tAA
tOAH
Valid Address 2
Valid Output Data 2
Previous Valid Output Data
tAX
tAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com