Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 6Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 9Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 10Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 11Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 12Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 13Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
DS501-00078-1v1-E
MS85R4M2TA
Parameter
Symbol
TA≥+85°C
Unit
Value
(VDD=1.8V to 2.5V)
Value
(VDD=2.5V to 3.6V)
Min
Max
Min
Max
Write Cycle Time
tWC
125
―
125
―
ns
/CE Active Time
tCA
70
―
70
―
ns
/CE↓ to /WE↑ Time
tCW
70
―
70
―
ns
Pre-charge Time
tPC
55
―
55
―
ns
Write Pulse Width
tWP
20
―
20
―
ns
Address Setup Time
tAS
0
―
0
―
ns
Address Hold Time
tAH
70
―
70
―
ns
/WE↓ to /CE↑ Time
tWLC
20
―
20
―
ns
(/UB or /LB)↓to /CE↑
tBLC
20
―
20
―
ns
Address Transition to /WE↑ Time
tAWH
140
―
125
―
ns
/WE↑ to Address Transition Time
tWHA
0
―
0
―
ns
Data Setup Time
tDS
10
―
10
―
ns
Data Hold Time
tDH
0
―
0
―
ns
/WE Output Floating Time
tWZ
―
10
―
10
ns
/WE Output Access Time*1
tWX
10
―
10
―
ns
Write Setup Time*1
tWS
0
―
0
―
ns
Write Hold Time*1
tWH
0
―
0
―
ns
/CE Output Floating Time
tHZ
―
10
―
10
ns
Address transition Time
tAX
―
15
―
15
ns
/UB, /LB Write Pulse Width
tWP2
20
―
20
―
ns
/WE=L to (/UB, /LB)=H period
tWP3
20
―
20
―
ns
(3) Page Mode Read/Write Cycle
Parameter
Symbol
Value
(VDD=1.8V to 2.5V)
Value
(VDD=2.5V to 3.6V)
Unit
Min
Max
Min
Max
Page Mode Write Cycle Time
tPWC
25
―
25
―
ns
Page Mode Write Pulse Width
tWPP
15
―
15
―
ns
Page Address Setup Time (/WE=L)
tASP
8
―
8
―
ns
Page Address Hold Time (/WE=L)
tAHP
15
―
15
―
ns
Page Address Access Time
tAAP
―
25
―
25
ns
Page Address Data Hold Time
tOHP
3
―
3
―
ns
Page Mode Read Cycle Time
tPRCA
25
―
25
―
ns
Page Mode Write Pre Charge
Width
tWPHP
7
―
7
―
ns
(4) Power ON/OFF Sequence and Sleep Mode Cycle
Parameter
Symbol
Value
Unit
Min
Max
/CE level hold time for Power ON
tPU
450
―
μs
/CE level hold time for Power OFF
tPD
85
―
ns
Power supply rising time
tVR
50
―
μs/V
Power supply falling time
tVF
100
―
μs/V
/ZZ active time
tZZL
1
―
μs
Sleep mode enable time
tZZEN
―
0
μs
/CE level hold time for Sleep mode release
tZZEX
450
―
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com