Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MS85R4M2TA Datasheet HTML 16Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 17Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 18Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 19Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 20Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 21Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 22Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 23Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
DS501-00078-1v1-E
MS85R4M2TA
PACKAGE DIMENSIONS
44-pin plastic TSOP
Lead pitch
Package width ×
package length
10.16 × 18.41mm
Lead shape
Sealing method
Mounting height
MS85R4M2TAFN-G-JAE2
Dimensions in mm.
0.8mm
Gullwing
Plastic mold
1.2mm (max.)
44-pin plastic TSOP
MS85R4M2TAFN-G-JAE2
Note 1): These dimensions do not include resin protrusion.
Note 2): Pins width do not include tie bar cutting remainder.
Pins width and pins thickness include plating thickness.
[44]
[23]
LEAD No. [1]
[22]
INDEX
18.41±0.10
0.80TYP
0.25 to 0.40
0.10 MAX
0.10 to 0.21
0.25TYP
0~8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com