Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M2TA Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MS85R4M2TA
Description  4 M (256 K × 16) Bit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M2TA Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MS85R4M2TA Datasheet HTML 1Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 2Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 3Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 4Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 5Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 6Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M2TA Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright 2024 RAMXEED LIMITED
DS501-00078-1v1-E
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's part number
unchanged.
Memory FeRAM
4 M (256 K × 16) Bit
MS85R4M2TA
DESCRIPTIONS
The MS85R4M2TA is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 262,144
words × 16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS
process technologies.
The MS85R4M2TA is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MS85R4M2TA can be used for 1014 read/write operations, which is a
significant improvement over the number of read and write operations supported by Flash memory and
E2PROM. The MS85R4M2TA uses a pseudo-SRAM interface.
FEATURES
• Bit configuration
: 262,144 words × 16 bits
• LB and UB data byte control
: Available Configuration of 524,288 words × 8 bits
• Read/write endurance
: 1014 times ( + 85 °C), 1013 times ( + 105 °C),
• Data retention
: 10 years ( + 105 °C), 40 years ( + 85 °C), over 200 years ( + 35 °C)
• Operating power supply voltage
: 1.8 V to 3.6 V
• Low power operation
: Operating power supply current 16 mA (Max)
Standby current 150 μA (Max)
Sleep current 12 μA (Max)
• Operation ambient temperature range : − 40 °C to + 105 °C
• Package
: 44-pin plastic TSOP
RoHS compliant


Similar Part No. - MS85R4M2TA

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MS85R4M1TA RAMXEED-MS85R4M1TA Datasheet
960Kb / 25P
4 M (512 K × 8) Bit
MS85R4M1TAFN-G-JAE2 RAMXEED-MS85R4M1TAFN-G-JAE2 Datasheet
960Kb / 25P
4 M (512 K × 8) Bit
More results

Similar Description - MS85R4M2TA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI Datasheet
92Kb / 17P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
logo
fujitsu semiconductor
MB85R4M2TFN-G FUJITSU-MB85R4M2TFN-G Datasheet
720Kb / 23P
4 M (256 K 횞 16) Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com