Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 60Page - STMicroelectronics L99LDLH32 Datasheet HTML 61Page - STMicroelectronics L99LDLH32 Datasheet HTML 62Page - STMicroelectronics L99LDLH32 Datasheet HTML 63Page - STMicroelectronics L99LDLH32 Datasheet HTML 64Page - STMicroelectronics L99LDLH32 Datasheet HTML 65Page - STMicroelectronics L99LDLH32 Datasheet HTML 66Page - STMicroelectronics L99LDLH32 Datasheet HTML 67Page - STMicroelectronics L99LDLH32 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
64/142
DS12879 Rev 6
Figure 39. Channel PWM duty cycle 0x05h register
Table 20. Channel PWM duty cycle 0x04h field description
Bit
Name
Default
Description
31-24
PWM_DUTY_CH11
00h
Exponential individual PWM dimming for Channel 11
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
23-16
PWM_DUTY_CH10
00h
Exponential individual PWM dimming for Channel 10
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
15-8
PWM_DUTY_CH9
00h
Exponential individual PWM dimming for Channel 9
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
7-0
PWM_DUTY_CH8
00h
Exponential individual PWM dimming for Channel 8
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
Address 05h
Access
R/W/BW
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
PWM_DUTY_CH15
PWM_DUTY_CH14
PWM_DUTY_CH13
PWM_DUTY_CH12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com