Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 74Page - STMicroelectronics L99LDLH32 Datasheet HTML 75Page - STMicroelectronics L99LDLH32 Datasheet HTML 76Page - STMicroelectronics L99LDLH32 Datasheet HTML 77Page - STMicroelectronics L99LDLH32 Datasheet HTML 78Page - STMicroelectronics L99LDLH32 Datasheet HTML 79Page - STMicroelectronics L99LDLH32 Datasheet HTML 80Page - STMicroelectronics L99LDLH32 Datasheet HTML 81Page - STMicroelectronics L99LDLH32 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
78/142
DS12879 Rev 6
Figure 53. Channel mapping on DIN 0x13h register
Table 34. Channel mapping on DIN 0x12h field description
Bit
Name
Default
Description
31-30
DIN_MAP_CH15
FTP
Mapping of Channel to Direct Input
00: Channel not mapped to Direct Input
01: Channel mapped to Direct Input
10: Channel not mapped to Direct Input
11: Channel mapped to Direct Input
29-28
DIN_MAP_CH14
FTP
27-26
DIN_MAP_CH13
FTP
25-24
DIN_MAP_CH12
FTP
23-22
DIN_MAP_CH11
FTP
21-20
DIN_MAP_CH10
FTP
19-18
DIN_MAP_CH9
FTP
17-16
DIN_MAP_CH8
FTP
15-14
DIN_MAP_CH7
FTP
13-12
DIN_MAP_CH6
FTP
11-10
DIN_MAP_CH5
FTP
9-8
DIN_MAP_CH4
FTP
7-6
DIN_MAP_CH3
FTP
5-4
DIN_MAP_CH2
FTP
3-2
DIN_MAP_CH1
FTP
1-0
DIN_MAP_CH0
FTP
Address 13h
Access
R/W
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com