Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 66Page - STMicroelectronics L99LDLH32 Datasheet HTML 67Page - STMicroelectronics L99LDLH32 Datasheet HTML 68Page - STMicroelectronics L99LDLH32 Datasheet HTML 69Page - STMicroelectronics L99LDLH32 Datasheet HTML 70Page - STMicroelectronics L99LDLH32 Datasheet HTML 71Page - STMicroelectronics L99LDLH32 Datasheet HTML 72Page - STMicroelectronics L99LDLH32 Datasheet HTML 73Page - STMicroelectronics L99LDLH32 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
70/142
DS12879 Rev 6
Figure 45. Channel current setting 0x0Bh register
Table 26. Channel current setting 0x0Ah field description
Bit
Name
Default
Description
31-24
CURR_SET_CH3
FTP
Linear individual analogue dimming for Channel 3 in 1/256
steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
23-16
CURR_SET_CH2
FTP
Linear individual analogue dimming for Channel 2 in 1/256
steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
15-8
CURR_SET_CH1
FTP
Linear individual analogue dimming for Channel 1 in 1/256
steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
7-0
CURR_SET_CH0
FTP
Linear individual analogue dimming for Channel 0 in 1/256
steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
Address 0Bh
Access
R/W/BW
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
CURR_SET_CH7
CURR_SET_CH6
CURR_SET_CH5
CURR_SET_CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com