Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 69Page - STMicroelectronics L99LDLH32 Datasheet HTML 70Page - STMicroelectronics L99LDLH32 Datasheet HTML 71Page - STMicroelectronics L99LDLH32 Datasheet HTML 72Page - STMicroelectronics L99LDLH32 Datasheet HTML 73Page - STMicroelectronics L99LDLH32 Datasheet HTML 74Page - STMicroelectronics L99LDLH32 Datasheet HTML 75Page - STMicroelectronics L99LDLH32 Datasheet HTML 76Page - STMicroelectronics L99LDLH32 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
DS12879 Rev 6
73/142
L99LDLH32
FTP and RAM memory mapping
141
Figure 48. Channel current setting 0x0Eh register
Table 29. Channel current setting 0x0Dh field description
Bit
Name
Default
Description
31-24
CURR_SET_CH15
FTP
Linear individual analogue dimming for Channel 15 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
23-16
CURR_SET_CH14
FTP
Linear individual analogue dimming for Channel 14 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
15-8
CURR_SET_CH13
FTP
Linear individual analogue dimming for Channel 13 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
7-0
CURR_SET_CH12
FTP
Linear individual analogue dimming for Channel 12 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
Address 0Eh
Access
R/W/BW
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
CURR_SET_CH19
CURR_SET_CH18
CURR_SET_CH17
CURR_SET_CH16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com