Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 33Page - STMicroelectronics L99LDLH32 Datasheet HTML 34Page - STMicroelectronics L99LDLH32 Datasheet HTML 35Page - STMicroelectronics L99LDLH32 Datasheet HTML 36Page - STMicroelectronics L99LDLH32 Datasheet HTML 37Page - STMicroelectronics L99LDLH32 Datasheet HTML 38Page - STMicroelectronics L99LDLH32 Datasheet HTML 39Page - STMicroelectronics L99LDLH32 Datasheet HTML 40Page - STMicroelectronics L99LDLH32 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 142 page
background image
DS12879 Rev 6
37/142
L99LDLH32
Functional description
141
Figure 11. Short to ground fault management
5.3.9
Channel output – Open load detection
The L99LDLH32 features the open load (no current regulation) detection, implemented both
in Bus mode and Fail Safe / Stand Alone mode as well.
The open load detection is masked when the O/LED supply voltage is below a power good
threshold (VPG_TH_VPRE_REG), which is configurable in the range of [VPG_TH_VPRE_REG_min
÷ VPG_TH_VPRE_REG_max] with a step equal to VPG_TH_VPRE_REG_step.
There is one status bit (PG_NOT_VPRE_REG - see RAM memory map, Chapter 7) for the
VPRE_REG group to indicate the selected voltage threshold to enable open load diagnostic is
reached. If this bit is equal to “0”, the desired voltage threshold is not reached and the open
load diagnostic is disabled; otherwise, the threshold is reached and the diagnostic enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com