Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 16Page - STMicroelectronics L99LDLH32 Datasheet HTML 17Page - STMicroelectronics L99LDLH32 Datasheet HTML 18Page - STMicroelectronics L99LDLH32 Datasheet HTML 19Page - STMicroelectronics L99LDLH32 Datasheet HTML 20Page - STMicroelectronics L99LDLH32 Datasheet HTML 21Page - STMicroelectronics L99LDLH32 Datasheet HTML 22Page - STMicroelectronics L99LDLH32 Datasheet HTML 23Page - STMicroelectronics L99LDLH32 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
Linear current sources
L99LDLH32
20/142
DS12879 Rev 6
Figure 5. Gradual delay concept
Ch 0
t
GD = Gradual Delay
n = Channel number
t
GD
Ch 1
Ch 2
Ch n
Ch (n-1)
(n-1) * t
GD
t
GD
t
GD
Ch 0
t
GD
Ch 1
Ch 2
PWM_PERIOD
Ch n
Ch (n-1)
PWM_PERIOD
PWM_PERIOD
Conditions: Duty_Cycle = 10% & t
GD active - behavior valid for any 0% < Duty Cycle < 100%)
(n-1) * t
GD
PWM_CNT = 0
PWM_CNT = 255
PWM_CNT = 0
Ch 3
Duty Cycle = 0% & t
GD active
Ch 4
2* t
GD
PWM_CNT = 255
t
GD
t
GD
t
GD
t
GD
t
GD
t
GD
t
GD = Gradual Delay
n = Channel number
PWM_CNT = PWM counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com