Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 9Page - STMicroelectronics L99LDLH32 Datasheet HTML 10Page - STMicroelectronics L99LDLH32 Datasheet HTML 11Page - STMicroelectronics L99LDLH32 Datasheet HTML 12Page - STMicroelectronics L99LDLH32 Datasheet HTML 13Page - STMicroelectronics L99LDLH32 Datasheet HTML 14Page - STMicroelectronics L99LDLH32 Datasheet HTML 15Page - STMicroelectronics L99LDLH32 Datasheet HTML 16Page - STMicroelectronics L99LDLH32 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
DS12879 Rev 6
13/142
L99LDLH32
Introduction
141
Figure 3. Application diagram - example
VPRE_REG
GND
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
VS
SYNC_I/O
CS
CAN_H
CAN_L
DIN
FAULT
TEST
R_REF_DAC
V5V
V3V3
NTC
VREF_PRE_REG
OUT16
OUT17
OUT18
OUT19
OUT20
OUT21
OUT22
OUT23
OUT24
OUT25
OUT26
OUT27
OUT28
OUT29
OUT30
OUT31
1uF
1uF
NCU18XH103F6SRB
61.9k
NTC
2.2k
100nF
100nF
PWM_DC_1/2
Tr
VBAT
VPRE_REG
CAN BUS
Dr_prot
4.7k
V3V3
Direct drive and diagnostic
pins for Standalone/
FailSafe mode operation.
(can be used also in BUS
mode)
Voltage reference output
for Preregulation control.
PWM sychronization
input/output
Chip select for NVM
programming
L99LDLH32
OLED panel
= GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com