Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 79Page - STMicroelectronics L99LDLH32 Datasheet HTML 80Page - STMicroelectronics L99LDLH32 Datasheet HTML 81Page - STMicroelectronics L99LDLH32 Datasheet HTML 82Page - STMicroelectronics L99LDLH32 Datasheet HTML 83Page - STMicroelectronics L99LDLH32 Datasheet HTML 84Page - STMicroelectronics L99LDLH32 Datasheet HTML 85Page - STMicroelectronics L99LDLH32 Datasheet HTML 86Page - STMicroelectronics L99LDLH32 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
DS12879 Rev 6
83/142
L99LDLH32
FTP and RAM memory mapping
141
22
VREF_PRE_REG
FTP
VREF_PRE_REG enable
0 (default): VREF_PRE_REG feedback reference voltage
generation is enabled
1: VREF_PRE_REG feedback reference voltage generation is
disabled
21-19
000
Don’ t care
18
DIN_EN
0
DIN enable in Bus Mode
0: DIN disabled
1: DIN enabled
17
0
Don’ t care
16
OL_EN
FTP
Enable Open load fault propagation of Group 01 on Fault pin
0: open load propagation to Fault pin disabled
1: open load propagation to Fault pin enabled
15-12
0000
Don’ t care
11-10
DIAG_BLANK_01
FTP
Diagnostic blanking time after rising edge (incl PWM) for Group 01
00: 50 µs
01: 100 µs
10: 150 µs
11: 200 µs
9-8
DIAG_BLANK_00
FTP
Diagnostic blanking time after rising edge (incl PWM) for Group 00
00: 50 µs
01: 100 µs
10: 150 µs
11: 200 µs
7
0
Don’ t care
6SHT_DET_EN
FTP
Short circuit detection for channels mapped to VPRE_REG
0: short circuit detection disabled
1: short circuit detection enabled
5
0
Don’ t care
4SHT_EN
FTP
Enable Short circuit fault propagation of Group 01 on Fault pin
0: Short circuit propagation to Fault pin disabled
1: short circuit propagation to Fault pin enabled
3
0
Don’ t care
2
SHT_OFF_00
FTP
Output deactivation in case of Short Circuit detection for Group 00
0: Output deactivation disabled
1: Output deactivation enabled
1
0
Don’ t care
0
SHT_OFF_01
FTP
Output deactivation in case of Short Circuit detection for Group 01
0: Output deactivation disabled
1: Output deactivation enabled
Table 38. Device configuration 3 field description (continued)
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com