Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 1 Page - STMicroelectronics

  L99LDLH32 Datasheet HTML 1Page - STMicroelectronics L99LDLH32 Datasheet HTML 2Page - STMicroelectronics L99LDLH32 Datasheet HTML 3Page - STMicroelectronics L99LDLH32 Datasheet HTML 4Page - STMicroelectronics L99LDLH32 Datasheet HTML 5Page - STMicroelectronics L99LDLH32 Datasheet HTML 6Page - STMicroelectronics L99LDLH32 Datasheet HTML 7Page - STMicroelectronics L99LDLH32 Datasheet HTML 8Page - STMicroelectronics L99LDLH32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
This is information on a product in full production.
July 2024
DS12879 Rev 6
1/142
L99LDLH32
32-channel LED driver with automotive CAN FD Light interface
Datasheet
- production data
Features
 AEC-Q100 qualified
 General
– CAN FD Light compatible Serial Interface,
Protocol Handler, Draft Specification
Proposal (DSP) available from CAN in
Automation (CiA)
– High precision oscillator integrated, no
external quartz required
– QFN48L 7x7 with exposed pad
– Timeout watchdog with Limp Home
– Low standby current
– Stand Alone/Fail Safe and Bus mode
operation
– Direct drive (1 Direct Input), for 1 function
group supporting ASIL requirements
– Widest configurability by embedded
non-volatile and volatile memories
– Operating supply voltage range
5.5 V – 40 V
 Linear Regulators section
– Operating temperature range
- 40°C – 150°C
– 32 constant current output channels, high
side configuration
– Output current from 1 mA to 15 mA,
parallelable outputs
– Output voltage up to 35 V
– Feedback voltage to external pre-regulator,
to optimize the regulation voltage
minimizing overall power dissipation
– Current setting per channel by 8-bit DAC
– Analogue dimming, 8-bit PWM channel
individual exponential brightness control
and 8-bit global PWM dimming
– Programmable PWM frequency
– Slow turn on/off time, gradual outputs delay
and dithered clock, for better EMC
performances
 Protection and diagnostic
– Integrated 8-bit ADC, for full and flexible
diagnostic
– 1 dedicated line for fault bus
– Temperature warning (1 threshold)
– Over-temperature shutdown
– Short circuit and open load detection and
protection
– Automatic LED current derating, through
external NTC measurement and device
junction temperature (TJ)
Applications
 Automotive OLED Rear Lighting
 Automotive Ambient Lighting
Figure 1. Simplified application schematic
QFN48L 7x7
www.st.com
VPRE_REG
GND
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
VS
SYNC_I/O
CS
CAN_H
CAN_L
DIN
FAULT
TEST
R_REF_DAC
V5V
V3V3
NTC
VREF_PRE_REG
OUT16
OUT17
OUT18
OUT19
OUT20
OUT21
OUT22
OUT23
OUT24
OUT25
OUT26
OUT27
OUT28
OUT29
OUT30
OUT31
1uF
1uF
61.9k
2.2k
100nF
100nF
PWM_DC_1/2
Tr
VBAT
VPRE_REG
CAN BUS
Dr_prot
4.7k
V3V3
Direct drive and diagnostic
pins for Standalone/
FailSafe mode operation.
(can be used also in BUS
mode)
Voltage reference output
for Preregulation control.
PWM sychronization
input/output
Chip select for NVM
programming
L99LDLH32
NTC temperature sensor
-
= GND


Similar Part No. - L99LDLH32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99LDLH32 STMICROELECTRONICS-L99LDLH32 Datasheet
3Mb / 141P
32-channel LED driver with automotive CAN FD Light interface
16-Dec-2021
L99LDLH32TR STMICROELECTRONICS-L99LDLH32TR Datasheet
3Mb / 141P
32-channel LED driver with automotive CAN FD Light interface
16-Dec-2021
More results

Similar Description - L99LDLH32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
STMicroelectronics
L99LDLH32 STMICROELECTRONICS-L99LDLH32 Datasheet
3Mb / 141P
32-channel LED driver with automotive CAN FD Light interface
16-Dec-2021
logo
Texas Instruments
MSPM0G3107-Q1 TI-MSPM0G3107-Q1 Datasheet
3Mb / 78P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507-Q1 TI-MSPM0G3507-Q1 Datasheet
3Mb / 84P
MSPM0G350x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3107-Q1 TI-MSPM0G3107-Q1_V01 Datasheet
3Mb / 81P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507-Q1 TI-MSPM0G3507-Q1_V01 Datasheet
4Mb / 85P
MSPM0G350x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3107-Q1 TI1-MSPM0G3107-Q1_V02 Datasheet
4Mb / 82P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507-Q1 TI1-MSPM0G3507-Q1_V02 Datasheet
4Mb / 88P
MSPM0G350x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com