Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 51 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 46Page - STMicroelectronics M41ST87W Datasheet HTML 47Page - STMicroelectronics M41ST87W Datasheet HTML 48Page - STMicroelectronics M41ST87W Datasheet HTML 49Page - STMicroelectronics M41ST87W Datasheet HTML 50Page - STMicroelectronics M41ST87W Datasheet HTML 51Page - STMicroelectronics M41ST87W Datasheet HTML 52Page - STMicroelectronics M41ST87W Datasheet HTML 53Page - STMicroelectronics M41ST87W Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
M41ST87W
Packing information
DocID9497 Rev 11
51/54
7.3
Reel information for SOX28 and SSOP20
Figure 33: Reel schematic
Table 25: Reel dimensions for 24 mm carrier tape (SOX28 package) and 16 mm carrier tape
(SSOP20 package)
Carrier tape
A
(max)
B
(min)
C
D
(min)
N
(min)
G
T
(max)
24 mm (SOX28)
330 mm
(13-inch)
1.5 mm
13 mm
± 0.2 mm
20.2 mm
60 mm
24.4 mm
+ 2/–0 mm
30.4 mm
16 mm (SSOP20)
330 mm
(13-inch)
1.5 mm
13 mm
± 0.2 mm
20.2 mm
60 mm
16.4 mm
+ 2/–0 mm
22.4 mm
Note: The dimensions given in the table above incorporate tolerances that cover all
variations on critical parameters.
A
D
B
Full radius
Tape slot
in core for
tape start
2.5 mm min. width
G measured at hub
C
N
T
40 mm min.
access hole
at slot location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com