Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 20Page - STMicroelectronics M41ST87W Datasheet HTML 21Page - STMicroelectronics M41ST87W Datasheet HTML 22Page - STMicroelectronics M41ST87W Datasheet HTML 23Page - STMicroelectronics M41ST87W Datasheet HTML 24Page - STMicroelectronics M41ST87W Datasheet HTML 25Page - STMicroelectronics M41ST87W Datasheet HTML 26Page - STMicroelectronics M41ST87W Datasheet HTML 27Page - STMicroelectronics M41ST87W Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Operating modes
M41ST87W
24/54
DocID9497 Rev 11
Table 6: Tamper detect timing
Symbol
Parameter
CLRPW1
CLRPW0
Min
Typ
Max
Unit
tCLRD
(1)
Tamper RAM clear ext delay
X
X
1.0
(2)
1.5
2.0
ms
tCLR
Tamper clear timing
0
0
1
s
0
1
4
s
1
0
8
s
1
1
16
s
Notes:
(1)With input capacitance = 70 pF and resistance = 50 Ω.
(2)
If the OF bit is set, tCLRD(min) = 0.5 ms.
Figure 20: RAM clear hardware hookup (SOX28 package only)
1.
Most inverting charge pumps drive OUT to ground when device shut down is enabled
(
SHDN=logiclow).Therefore,ann-channelenhancementmodeMOSFETshouldbe
used to isolate the OUT pin from the VOUT of the M41ST87.
2.
In order to avoid turning on an on-chip parasitic diode when driving VOUT negative, a p-
channel enhancement mode MOSFET should be used to isolate the VOUT pin from the
negative voltage generated by the inverting charge pump.
VCC
PFO1
EX
SCL
M41ST87Y/W
WDI
RSTIN1
RSTIN2
PFI1
PFI2
VSS
VBAT
F32k
IRQ/OUT
SQW/FT
RST
VOUT
ECON
SDA
CAP+ CAP–
Inverting
Charge
Pump
SHDN
OUT
IN
TP1IN
TPCLR
TP2IN
Pushbutton
Reset
PFO2
Low-Power
SRAM
VCC
Negative Output
(–1 x VIN)
E
To RST
To LED Display
(2)
(1)
To NMI
To INT
To 32kHz
Inhibit
5V
Regulator
VCC
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com