Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 28Page - STMicroelectronics M41ST87W Datasheet HTML 29Page - STMicroelectronics M41ST87W Datasheet HTML 30Page - STMicroelectronics M41ST87W Datasheet HTML 31Page - STMicroelectronics M41ST87W Datasheet HTML 32Page - STMicroelectronics M41ST87W Datasheet HTML 33Page - STMicroelectronics M41ST87W Datasheet HTML 34Page - STMicroelectronics M41ST87W Datasheet HTML 35Page - STMicroelectronics M41ST87W Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Clock operation
M41ST87W
32/54
DocID9497 Rev 11
Figure 22: Crystal accuracy across temperature
Figure 23: Calibration waveform
3.4
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time on a specific month, date, hour, minute, or second, or repeat every
year, month, day, hour, minute, or second. It can also be programmed to go off while the
M41ST87Y/W is in the battery back-up to serve as a system wake-up call.
Bits RPT5–RPT1 put the alarm in the repeat mode of operation. Table 9: "Alarm repeat
modes" shows the possible configurations. Codes not listed in the table default to the once
per second mode to quickly alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5–RPT1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set,
the alarm condition activates the
IRQ/OUTpinasshowninFigure25:"Backupmodealarm
waveform". To disable the alarm, write '0' to the alarm date register and to RPT5–RPT1.
If the address pointer is allowed to increment to the flag register address, an alarm
condition will not cause the interrupt/flag to occur until the address pointer is moved to a
different address. It should also be noted that if the last address written is the “alarm
seconds,” the address pointer will increment to the flag address, causing this situation to
occur. Thus the user should not leave the address pointer at 0Fh if using the alarm
–160
0
10
20
30
40
50
60
70
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C 2 ± 0.006 ppm/ °C 2
K
= K x (T – T
O )
2
F
T
O = 25 °C ± 5 °C
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com