Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 7Page - STMicroelectronics M41ST87W Datasheet HTML 8Page - STMicroelectronics M41ST87W Datasheet HTML 9Page - STMicroelectronics M41ST87W Datasheet HTML 10Page - STMicroelectronics M41ST87W Datasheet HTML 11Page - STMicroelectronics M41ST87W Datasheet HTML 12Page - STMicroelectronics M41ST87W Datasheet HTML 13Page - STMicroelectronics M41ST87W Datasheet HTML 14Page - STMicroelectronics M41ST87W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
M41ST87W
Description
DocID9497 Rev 11
11/54
Figure 5: Hardware hookup
1.
Available in SOX28 package only.
VCC
PFO1
EX
(1)
SCL
M41ST87Y/W
WDI
(1)
RSTIN1
RSTIN2
(1)
PFI1
PFI2
VSS
VBAT
F32k
IRQ/OUT
SQW/FT
RST
VOUT
ECON
(1)
SDA
Unregulated
Voltage
5V
Regulator
VCC
VIN
3.3V
Regulator
VCC
VIN
TP1IN
TPCLR
TP2IN
Pushbutton
Reset
For monitoring
of additional
voltage sources
PFO2
Low-Power
SRAM
VCC
E
To Microprocessor
To LED Display
To NMI
To INT
To 32kHz
R1
R2
R3
R4
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com