Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 29Page - STMicroelectronics M41ST87W Datasheet HTML 30Page - STMicroelectronics M41ST87W Datasheet HTML 31Page - STMicroelectronics M41ST87W Datasheet HTML 32Page - STMicroelectronics M41ST87W Datasheet HTML 33Page - STMicroelectronics M41ST87W Datasheet HTML 34Page - STMicroelectronics M41ST87W Datasheet HTML 35Page - STMicroelectronics M41ST87W Datasheet HTML 36Page - STMicroelectronics M41ST87W Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
M41ST87W
Clock operation
DocID9497 Rev 11
33/54
interrupt function. This is easily handled by simply reading past the flags registers before
teminating a read sequence.
The
IRQ/OUToutputisclearedbyaREADtotheflagsregister.AsubsequentREADofthe
flags register is necessary to see that the value of the alarm flag has been reset to '0.'
The
IRQ/OUTpincanalsobeactivatedinthebatterybackupmode.TheIRQ/OUTwillgo
low if an alarm occurs and both ABE (alarm in battery backup mode enable) and AFE are
set. The ABE and AFE bits are reset during power-up, therefore an alarm generated during
power-up will only set AF. The user can read the flag register at system boot-up to
determine if an alarm was generated while the M41ST87Y/W was in the deselect mode
during power-up. Figure 25: "Backup mode alarm waveform" illustrates the backup mode
alarm timing.
Figure 24: Alarm interrupt reset waveform
Table 9: Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year
IRQ/OU T
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z
ADDRESS POINTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com