Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 30Page - STMicroelectronics M41ST87W Datasheet HTML 31Page - STMicroelectronics M41ST87W Datasheet HTML 32Page - STMicroelectronics M41ST87W Datasheet HTML 33Page - STMicroelectronics M41ST87W Datasheet HTML 34Page - STMicroelectronics M41ST87W Datasheet HTML 35Page - STMicroelectronics M41ST87W Datasheet HTML 36Page - STMicroelectronics M41ST87W Datasheet HTML 37Page - STMicroelectronics M41ST87W Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Clock operation
M41ST87W
34/54
DocID9497 Rev 11
Figure 25: Backup mode alarm waveform
3.5
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the watchdog
register, address 09h. Bits BMB4-BMB0 store a binary multiplier and the two lower order
bits RB1-RB0 select the resolution, where 00=1/16 second, 01=1/4 second, 10=1 second,
and 11=4 seconds. The amount of time-out is then determined to be the multiplication of
the five-bit multiplier value with the resolution. (For example: writing 00001110 in the
watchdog register = 3*1 or 3 seconds).
Note: The accuracy of the timer is within ± the selected resolution.
If the processor does not reset the timer within the specified period, the M41ST87Y/W sets
the WDF (watchdog flag) and generates either a watchdog interrupt or a microprocessor
reset.
The most significant bit of the watchdog register is the watchdog steering bit (WDS). When
set to a '0,' the watchdog will activate the
IRQ/OUTpinwhentimed-out.WhenWDSisset
to a '1,' the watchdog will output a negative pulse on the
RSTpinfort
rec. The watchdog
register, FT, AFE, ABE and SQWE bits will reset to a '0' at the end of a watchdog time-out
when the WDS bit is set to a '1.'
The watchdog timer can be reset by two methods: 1) a transition (high-to-low or low-to-
high) can be applied to the watchdog input pin (WDI) or 2) the microprocessor can perform
a WRITE of the watchdog register. The time-out period then starts over.
Note: The WDI pin should be tied to VSS if not used and is only available in the SOX28
package.
In order to perform a software reset of the watchdog timer, the original time-out period can
be written into the watchdog register, effectively restarting the count-down cycle.
Should the watchdog timer time-out, and the WDS bit is programmed to output an interrupt,
either a transition of the WDI pin, or a value of 00h needs to be written to the watchdog
register in order to clear the
IRQ/OUTpin.Thiswillalsodisablethewatchdogfunctionuntil
VCC
IRQ/OUT
VPFD
ABE, AFE Bits in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com