Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 22Page - STMicroelectronics M41ST87W Datasheet HTML 23Page - STMicroelectronics M41ST87W Datasheet HTML 24Page - STMicroelectronics M41ST87W Datasheet HTML 25Page - STMicroelectronics M41ST87W Datasheet HTML 26Page - STMicroelectronics M41ST87W Datasheet HTML 27Page - STMicroelectronics M41ST87W Datasheet HTML 28Page - STMicroelectronics M41ST87W Datasheet HTML 29Page - STMicroelectronics M41ST87W Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Operating modes
M41ST87W
26/54
DocID9497 Rev 11
2.9
Internal tamper pull-up/down current
Depending on the capacitive and resistive loading of the tamper pin input (TPXIN), the user
may require more or less current from the internal pull-up/down used when monitoring the
normally closed switch mode. The state of the tamper current hi/tamper current low bit
(TCHI/
TCLO
X) determines the sizing of the internal pull-up/-down. TCHI/
TCLO
X = '1' uses a
1 MΩ pull-up/-down resistor, while TCHI/
TCLO
X
= '0' uses a 10 MΩ pull-up/-down resistor
(see Figure 18: "Tamper current options").
2.10
Avoiding inadvertent tampers (normally closed
configuration)
In some applications it may be necessary to use a low pass filter to reduce electrical noise
on the tamper input pin when the TCMX bit = 0 (normally closed). This is especially true if
the tamper detect switch is located some distance (> 6”) from the tamper input pin. A low
pass filter can prevent unwanted, higher frequency noise from inadvertently being detected
as a tamper condition caused by the “antenna-effect” (produced by a longer signal wire or
mesh). This low pass filter can be constructed using a series resistor (R) in conjunction with
a capacitor (C) on the tamper input pin.
The cut-off frequency fc is determined according to the formula:
fc = 1/(2 • Pi • R • C)
Figure 21: Low-pass filter implementation for noise immunity
Table 7: Calculated cutoff frequency for typical capacitance and resistance values
R (Ω)
C (F)
fc
1/fc (s)
1000
1.00E-09
15.9 MHz
6.28 µs
1000
1.00E-06
159.2 Hz
6.28 ms
5000
1.00E-09
31.8 kHz
31.4 µs
5000
1.00E-06
31.8 Hz
31.4 ms
10000
1.00E-09
15.9 kHz
62.8 µs
10000
1.00E-06
15.9 Hz
62.8 ms
TPIN
R
C
To Tamper Detect Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com