Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 35Page - STMicroelectronics M41ST87W Datasheet HTML 36Page - STMicroelectronics M41ST87W Datasheet HTML 37Page - STMicroelectronics M41ST87W Datasheet HTML 38Page - STMicroelectronics M41ST87W Datasheet HTML 39Page - STMicroelectronics M41ST87W Datasheet HTML 40Page - STMicroelectronics M41ST87W Datasheet HTML 41Page - STMicroelectronics M41ST87W Datasheet HTML 42Page - STMicroelectronics M41ST87W Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
M41ST87W
Clock operation
DocID9497 Rev 11
39/54
powered-up periodically (at least once every few months) in order for this technique to be
beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon
power-up via a checksum or other technique.
3.15
trec bit
Bit D7 of clock register 04h contains the trec bit (TR). trec refers to the automatic continuation
of the deselect time after VCC reaches VPFD. This allows for a voltage settling time before
WRITEs may again be performed to the device after a power-down condition. The trec bit
will allow the user to set the length of this deselect time as defined by Table 13: "trec
definitions".
Table 13: trec definitions
trec bit (TR)
STOP bit (ST)
trec time
Units
Min
Max
0
0
96
98
(1)
ms
0
1
40
200
ms
1
X
50
2000
µs
Notes:
(1)
Default setting.
3.16
Electronic serial number
The M41ST87Y/W has a unique 8-byte lasered serial number with parity. This serial
number is “read only” and is generated such that no two devices will contain an identical
number.
3.17
Oscillator stop detection
If the oscillator fail (OF) bit is internally set to a '1,' this indicates that the oscillator has
either stopped, or was stopped for some period of time, and can be used to judge the
validity of the clock and date data. This bit will be set to '1' any time the oscillator stops.
The following conditions can cause the OF bit to be set:
•
The first time power is applied (defaults to a '1' on power-up).
•
The voltage present on VCC or battery is insufficient to support oscillation.
•
The ST bit is set to '1.'
If the oscillator fail interrupt enable bit (OFIE) is set to a '1,' the
IRQ/OUTpinwillalsobe
asserted. The
IRQ/OUToutputisclearedbyresettingtheOFbitto'0,'resettingtheOFIE
bit to '0,' or if the
RSToutputisasserted(butisNOTclearedbyreadingtheflagregister).
The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have
run for at least 4 seconds before attempting to reset the OF bit to '0.' This function operates
both under normal power and in battery backup. If the trigger event occurs during a power-
down condition, this bit will be set correctly.
Note: The ABE bit must be set to '1' for the
IRQ/OUTpintobeactivatedinbatterybackup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com