Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 14Page - STMicroelectronics M41ST87W Datasheet HTML 15Page - STMicroelectronics M41ST87W Datasheet HTML 16Page - STMicroelectronics M41ST87W Datasheet HTML 17Page - STMicroelectronics M41ST87W Datasheet HTML 18Page - STMicroelectronics M41ST87W Datasheet HTML 19Page - STMicroelectronics M41ST87W Datasheet HTML 20Page - STMicroelectronics M41ST87W Datasheet HTML 21Page - STMicroelectronics M41ST87W Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Operating modes
M41ST87W
18/54
DocID9497 Rev 11
E̅
CON. The
RSTsignalalsoremainsactiveduringthistime(seeFigure28:"Powerdown/up
mode AC waveforms").
Note: Most low power SRAMs on the market today can be used with the M41ST87Y/W
RTC SUPERVISOR. There are, however some criteria which should be used in making the
final choice of an SRAM to use. The SRAM must be designed in a way where the chip
enable input disables all other inputs to the SRAM. This allows inputs to the M41ST87Y/W
and SRAMs to be “Don’t Care” once VCC falls below VPFD(min). The SRAM should also
guarantee data retention down to VCC = 2.0 volts. The chip enable access time must be
sufficient to meet the system needs with the chip enable output propagation delays
included. If the SRAM includes a second chip enable pin (E2), this pin should be tied to
VOUT.
If data retention lifetime is a critical parameter for the system, it is important to review the
data retention current specifications for the particular SRAMs being evaluated. Most
SRAMs specify a data retention current at 3.0 volts. Manufacturers generally specify a
typical condition for room temperature along with a worst case condition (generally at
elevated temperatures). The system level requirements will determine the choice of which
value to use. The data retention current value of the SRAMs can then be added to the IBAT
value of the M41ST87Y/W to determine the total current requirements for data retention.
The available battery capacity for the battery of your choice can then be divided by this
current to determine the amount of data retention available.
For a further more detailed review of lifetime calculations, please see application note
AN1012.
2.5
Tamper detection circuit
The M41ST87Y/W provides two independent input pins, the tamper pin 1 input (TP1IN) and
tamper pin 2 input (TP2IN), which can be used to monitor two separate signals which can
result in the associated setting of the tamper bits (TB1 and/or TB2, in flag register 0Fh) if
the tamper enable bits (TEB1 and/or TEB2) are enabled, for the respective tamper 1 or
tamper 2 channels. The TP1IN pin or TP2IN pin may be set to indicate a tamper event has
occurred by either 1) closing a switch to ground or VOUT (normally open), or by 2) opening a
switch that was previously closed to ground or VOUT (normally closed), depending on the
state of the TCMX bits and the TPMX bits in the tamper register (14h and/or 15h).
2.6
Tamper register bits (tamper 1 and tamper 2)
2.6.1
Tamper enable bits (TEB1 and TEB2)
When set to a logic '1,' this bit will enable the tamper detection circuit. This bit must be set
to '0' in order to clear the associated tamper bits (TBX, in 0Fh).
Note: TEBX should be cleared then set again whenever the tamper detect condition is
modified.
When servicing a tamper interrupt, the TEBx bits must be cleared to clear the TBx bits, then
set to 1 to again enable the tamper detect circuits.
2.6.2
Tamper bits (TB1 and TB2)
If the TEBX bit is set, and a tamper condition occurs, the TBX bit will be set to '1.' This bit is
“Read-only” and is reset only by setting the TEBX bit to '0.' These bits are located in the
flags register 0Fh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com