Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 3Page - STMicroelectronics PM8804TR Datasheet HTML 4Page - STMicroelectronics PM8804TR Datasheet HTML 5Page - STMicroelectronics PM8804TR Datasheet HTML 6Page - STMicroelectronics PM8804TR Datasheet HTML 7Page - STMicroelectronics PM8804TR Datasheet HTML 8Page - STMicroelectronics PM8804TR Datasheet HTML 9Page - STMicroelectronics PM8804TR Datasheet HTML 10Page - STMicroelectronics PM8804TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID031629 Rev 1
7/27
PM8804
Pins description and configuration
27
10
PGND
System power and analog ground. Power ground for the gate drivers.
This pin will be connected to AGND in a star ground configuration: a single connection point
close to the pin 10. See more details in Section 6: Layout guidelines on page 21.
11
GAT2
Secondary gate driver output.
AUX gate driver output for active clamp or synchronous rectification designs. 1 A peak sink -
0.8 A source current capability (5
 typ. MOSFETs). Its time delay with respect to GAT1 signal
can be adjusted through DT pin. The operation of GAT2 pin can be selected through MODE
pin.
12
VC
Output of the internal high-voltage start up regulator.
When the voltage applied to VIN is powered up, the startup regulator charges the external
capacitance up to 8 V typ. and a converter startup is attempted; Filter this pin with a ceramic
capacitor connected to AGND; a 2.2
F, 25 V ceramic capacitor is typically enough to cover
most of the applications.
13
MODE
Operation mode set.
Through this pin it is possible to select operation mode for the converter.
Connect this pin to AGND to turn off GAT2 when not used, and to disable the soft-stop feature.
If left open, this pin is internally pulled up: GAT2 and soft-stop features are enabled.
14
CS
Current sense input for current mode control and overcurrent protection.
Current sensing is accomplished using a dedicated current sense comparator. If the CS pin
voltage exceeds 0.25 V, the GAT1 pin switches low for cycle-by-cycle current limiting. CS is
internally held low for a blanking period after GAT1 switches high to blank leading edge current
spikes.
15
CTL
The input of the pulse width modulator (PWM) circuit.
CTL useful range is between 0.7 V and 1.7 V and a pull-up resistance of 3.3 k
 is integrated;
this resistance may also be used to bias an optocoupler transistor in isolated applications.
16
BLK
Blanking time set.
An internal blanking time is integrated in order to prevent false overcurrent detection to
terminate the PWM waveform. This is done after the rising edge of the primary side MOSFET.
The masking time, active for a duration between 10 ns and 200 ns is set by a resistor placed
between BLK and AGND.
-
EP
Exposed pad.
Connect this pad to a PCB copper plane to improve heat dissipation; it must be electrically
connected to AGND.
Table 2. Pin description (continued)
Pin no.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com