Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 12Page - STMicroelectronics PM8804TR Datasheet HTML 13Page - STMicroelectronics PM8804TR Datasheet HTML 14Page - STMicroelectronics PM8804TR Datasheet HTML 15Page - STMicroelectronics PM8804TR Datasheet HTML 16Page - STMicroelectronics PM8804TR Datasheet HTML 17Page - STMicroelectronics PM8804TR Datasheet HTML 18Page - STMicroelectronics PM8804TR Datasheet HTML 19Page - STMicroelectronics PM8804TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Applications information
PM8804
16/27
DocID031629 Rev 1
5.5
PWM comparator / slope compensation and CTL pin
In a typical isolated topology, the error amplifier is located outside the IC and the feedback
signal is taken on the collector of an optocoupler, while the current is sensed through a
sense resistor Rs connected between the source of the primary side MOSFET and the
PGND pin.
The PWM comparator produces the PWM duty cycle by comparing the Rs ramp signal on
CS with the error voltage derived from the error amplifier output.
The CTL voltage is internally pulled up to a fixed reference of 3.3 V using an internal 3.3 K
resistor, and it is reduced by a 4:1 divider before being connected to the PWM comparator
input.
The PWM duty cycle increases with the voltage at the CTL pin. The controller output duty
cycle reduces to zero when the CTL pin voltage drops below approximately 0.7 V.
For duty cycles greater than 50%, current mode control loops are subject to sub-harmonic
oscillation.
The device fixes the maximum duty cycle at 80% and implements a slope compensation
technique consisting in adding a fixed slope voltage ramp to the signal at the CS pin. This is
achieved by injecting a 21.5 µA saw tooth current into the current sense signal path on an
integrated 2 k
 series resistor.
Additional slope compensation may be added by increasing the source impedance of the
cur-rent sense signal connecting a resistor between the CS pin and the source of the
current sense signal. The net effect is to further increase the slope of the voltage ramp at the
PWM comparator terminals.
5.6
Current limit and CS pin
The current sensed through the CS pin is compared to two fixed levels of 250 mV and
350 mV.
The lower level of 250 mV is used to perform a cycle-by-cycle current limit, terminating the
PWM pulse. In case of recurring overload a timing structure is activated through SS pin,
sourcing a small current of about 2 µA on SS capacitor. The voltage on SS rises whenever
during a PWM cycle an overcurrent event occurs, while decreases to the default voltage
(2.3 V) if it does not.
Table 6. Fault management
Faults
Reaction
Turn off type
OV on VC
4 attempts then latched off state
Fast turn off
OC2
4 attempts then latched off state
Fast turn off
Overtemperature
The device attempts a new soft-start only when the OT
condition is removed
Soft-stop
UV on VC
The device attempts a new soft-start only when the VCUV rising
threshold is passed again
Fast turn off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com