Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 8Page - STMicroelectronics PM8804TR Datasheet HTML 9Page - STMicroelectronics PM8804TR Datasheet HTML 10Page - STMicroelectronics PM8804TR Datasheet HTML 11Page - STMicroelectronics PM8804TR Datasheet HTML 12Page - STMicroelectronics PM8804TR Datasheet HTML 13Page - STMicroelectronics PM8804TR Datasheet HTML 14Page - STMicroelectronics PM8804TR Datasheet HTML 15Page - STMicroelectronics PM8804TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Applications information
PM8804
12/27
DocID031629 Rev 1
5
Applications information
5.1
High-voltage start-up regulator and VC pin
The device embeds a high-voltage startup regulator to provide the supply voltage to the
internal current mode PWM controller during its startup phase and if needed, also during the
normal operation.
The regulated voltage is typically 8 V and it is internally connected to the VC pin as well as
to the controller section.
In normal isolated topology, the VC pin is diode-connected to the auxiliary winding of the
transformer used for the flyback or forward configuration. When the voltage from the
transformer exceeds the regulated voltage, the high-voltage regulator is shut off, reducing
the amount of power dissipated inside the PM8804.
More in detail, when the auxiliary voltage surpasses 8.3 V, the HV regulator resets its
regulation level to less than 6.0 V. In this way, a loosely regulated voltage from the external
auxiliary supply is allowed without current-sharing with the internal regulator. If the auxiliary
voltage drops under 6 V, the internal regulator is turned on in order to supply the controller
and maintain the output regulation.
While the auxiliary voltage has to be higher than 8.0 V to take advantage of the auxiliary
winding, it must be also lower than 15.3 V for all operating conditions, to avoid the
intervention of the internal OV protection.
A ceramic capacitor at least 2.2
F must be connected at the controller output to guarantee
the stability of the HV regulator.
For applications with high current drawn from VC pin, a large capacitance should be
connected on VC pin in order to avoid converter switch-off during the startup phase.
A UV/OV mechanism monitors the level of voltage on the VC pin.
When VC voltage overcomes the UVLO rising threshold (VCUV_R), the PWM controller is
enabled by the assertion of PGD signal and it remains enabled until the VC voltage drops
below the UVLO falling threshold (VCUV_F) or the PGD is de-asserted. The VCUV_F is set to
5.0 V typically: below this voltage the PWM controller operations are stopped and the
outputs frozen in default state.
The overvoltage circuitry detects a feedback fault condition on the output voltage by sensing
the VC voltage. If VC exceeds the OV rising threshold (VCOV_R), the PWM controller is
stopped, the soft-start capacitor discharged, then a new start up is attempted.
In case of persistent overvoltage, the control logic tries 4 cycles of fast hiccup before
definitively shutting down the PWM controller. To restart the device the main supply VIN
must be lowered to ground and then powered up again.
The HV regulator internal current limit is set at 22 mA typ. This value includes the current
internally drawn to bias the controller, the gate drivers, and the external components that
may be connected to the VC pin.
The use of an external auxiliary source is strongly recommended: the amount of power
dissipated inside the device will be significantly reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com