Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 3 Page - STMicroelectronics

  PM8804TR Datasheet HTML 1Page - STMicroelectronics PM8804TR Datasheet HTML 2Page - STMicroelectronics PM8804TR Datasheet HTML 3Page - STMicroelectronics PM8804TR Datasheet HTML 4Page - STMicroelectronics PM8804TR Datasheet HTML 5Page - STMicroelectronics PM8804TR Datasheet HTML 6Page - STMicroelectronics PM8804TR Datasheet HTML 7Page - STMicroelectronics PM8804TR Datasheet HTML 8Page - STMicroelectronics PM8804TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DocID031629 Rev 1
3/27
PM8804
Description
27
1
Description
The PM8804 is a PWM controller that integrates all the circuitry required to design a smart
and efficient 48 V converter for PoE and telecom mid-power applications.
It features a programmable oscillator for the switching frequency, adjustable slope
compensation, dual complementary low-side drivers with programmable dead time,
programmable soft-start, soft turn off and a programmable current sense blanking time.
An internal high-voltage linear regulator with a typical 20 mA output current allows the
device to start up with a minimum of external components.
Complementary 1 A peak gate drivers make possible to implement high power topologies,
while when the second drives is not used, like with simple low power flyback converters, it
can be turned off.
The device embeds a set of protections that enables the design of a self-protected converter
with the scope to eliminate the risk of catastrophic failure at system level.
The device targets high efficiency conversion at wide range of load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com