Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 9Page - STMicroelectronics PM8804TR Datasheet HTML 10Page - STMicroelectronics PM8804TR Datasheet HTML 11Page - STMicroelectronics PM8804TR Datasheet HTML 12Page - STMicroelectronics PM8804TR Datasheet HTML 13Page - STMicroelectronics PM8804TR Datasheet HTML 14Page - STMicroelectronics PM8804TR Datasheet HTML 15Page - STMicroelectronics PM8804TR Datasheet HTML 16Page - STMicroelectronics PM8804TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID031629 Rev 1
13/27
PM8804
Applications information
27
On the contrary using the internal HV regulator without the auxiliary winding increases the
internal power dissipation, and in case of high ambient temperature and high power
MOSFETs to drive, this may lead the device into thermal shutdown.
5.2
Oscillator and FSW pin
The internal oscillator frequency can be programmed by connecting an external resistor
RFSW between the FSW and AGND pins.
The relationship between the oscillator frequency FSW and the RFSW resistor is:
Equation 1
The PWM switching frequency is equal to the programmed oscillator frequency.
The useful range for switching frequency is from 100 kHz to 1 MHz. This can be obtained
using a resistor RFSW in the range from 20 k to 250 k.
Figure 4. Switching frequency vs. RFSW
FSW kHz

24000
3.5 RFSW k

+
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com