Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 7Page - STMicroelectronics PM8804TR Datasheet HTML 8Page - STMicroelectronics PM8804TR Datasheet HTML 9Page - STMicroelectronics PM8804TR Datasheet HTML 10Page - STMicroelectronics PM8804TR Datasheet HTML 11Page - STMicroelectronics PM8804TR Datasheet HTML 12Page - STMicroelectronics PM8804TR Datasheet HTML 13Page - STMicroelectronics PM8804TR Datasheet HTML 14Page - STMicroelectronics PM8804TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID031629 Rev 1
11/27
PM8804
Electrical specifications
27
Mode comparator
VTH_MODE_R
Mode rising threshold,
VMR
MODE rising
750
800
850
mV
VTH_MODE_F
Mode falling threshold,
VMF
MODE falling
VMR - 120 VMR -100 VMR -80 mV
IOFF_MODE
Input low output current
VMODE < VTH_MODE -
VHYST_MODE
-1
-
A
Output driver GAT1 and GAT2
-
Fall time
CLOAD = 3.3 nF, VC = 10 V(3)
-40
-
ns
-
Rise time
CLOAD = 3.3 nF, VC = 10 V(3)
-45
-
ns
-
Peak source current
CLOAD = 3.3 nF, VC = 10 V(3)
-0.8
-
A
-
Peak sink current
CLOAD = 3.3 nF, VC = 10 V(3)
-1
-
A
Thermal shutdown
OTTH
Shutdown temp.
Always active(3)
-
160
-
°C
-
Shutdown hyst.
(3)
-30
-
°C
Device current consumption
-
VIN quiescent current
VIN > VUVLO_R, VC = 10 V
-
0.3
0.5
mA
-
VC quiescent current
VIN > VUVLO_R, VC = 10 V,
CTL = 3.3 V
-1.2
1.5
mA
1. All devices are 100% production tested at TA = +25 NC. Limits overtemperature are guaranteed by design and correlation.
2. The VC regulator is intended for internal use only as startup supply of PM8804; any additional external VC current, like the
external MOSFET driving current, has to be take in account in the dimensioning of the filter capacitor to be connected with
VC pin; VC regulator cannot supply continuously the specified max current limit.
3. Parameter guaranteed by design.
Table 5. Electrical characteristic(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com