Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 14Page - STMicroelectronics PM8804TR Datasheet HTML 15Page - STMicroelectronics PM8804TR Datasheet HTML 16Page - STMicroelectronics PM8804TR Datasheet HTML 17Page - STMicroelectronics PM8804TR Datasheet HTML 18Page - STMicroelectronics PM8804TR Datasheet HTML 19Page - STMicroelectronics PM8804TR Datasheet HTML 20Page - STMicroelectronics PM8804TR Datasheet HTML 21Page - STMicroelectronics PM8804TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Applications information
PM8804
18/27
DocID031629 Rev 1
Figure 7. Timing relation between output drivers as a function of DT
In both the flyback and forward applications the default status of GAT2 is the opposite of
GAT1: in fact GAT1 must be set at LOW level to guarantee the off state of the main
MOSFET, GAT2 must be set at HIGH level to assure the off state to the secondary MOSFET
in flyback converters and to assure the off state of the active clamp P-channel MOSFET in
forward active clamp converters.
Through MODE pin it is possible to enable or disable the secondary driver GAT2 and the
soft-stop feature. If MODE pin is left open, it is driven high by an internal pull-up: GAT2 and
soft-stop are enabled. If MODE pin is lowered under VTH_MODE threshold (0.7 V), GAT2
and soft-stop are disabled.
Typically the use of the MODE pin for the most used topologies is as follows:
Synchronous flyback NO soft-stop and MODE tied to PGD pin with resistive divider, PGD
pulled up to VC; with a proper selection of the divider it is possible take MODE pin high
when the PGD signal is high too; while during the turn off, MODE pin will be driven low
disabling the soft-stop feature.
Active clamp forward: YES soft-stop and MODE left open.
The following pictures show the drivers' waveforms in different operating conditions.
Figure 8. Drivers' waveforms at soft-start (PGD rising)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com