Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 4Page - STMicroelectronics PM8804TR Datasheet HTML 5Page - STMicroelectronics PM8804TR Datasheet HTML 6Page - STMicroelectronics PM8804TR Datasheet HTML 7Page - STMicroelectronics PM8804TR Datasheet HTML 8Page - STMicroelectronics PM8804TR Datasheet HTML 9Page - STMicroelectronics PM8804TR Datasheet HTML 10Page - STMicroelectronics PM8804TR Datasheet HTML 11Page - STMicroelectronics PM8804TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
PM8804
8/27
DocID031629 Rev 1
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Thermal data
Table 3. Absolute maximum ratings
Parameter
Value(1)
1. Absolute maximum rating is the limit beyond which may occur a permanent damage to the device.
Exposure to absolute-maximum-rated condition for extended periods may affect device reliability.
Unit
VIN to AGND
-0.3 to 85
V
VC to AGND
-0.3 to 16
V
GAT1, GAT2 to PGND
-0.3 to VC +0.3
V
MODE, DT, FSW, CTL, CS, BLK, SS to AGND
-0.3 to 3.6
V
PGD to AGND
-0.3 to VIN +0.3
V
ESD HBM
2
KV
ESD CDM
500
V
Maximum operating junction temperature
-40 to 150
°C
Storage temperature
-40 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RTHJA
Thermal resistance junction to ambient(1)
1. Package mounted on a 4 layers board (2 signals + 2 powers), Cu thickness 35 micron, with 5 x 5 via holes
on the exposed pad copper area connected to each inner power plane of 1 x 1 inches minimum size.
30
°C/W
RTHJB
Thermal resistance junction to board(1)
15
°C/W
Pd max
Maximum power dissipation of device(2)
2. With device mounted on the board described in 1. and Ta = 85 °C.
1.3
W
TSTG
Storage temperature range
-40 to 150
°C
TJ
Operative junction temperature range
-40 to 125
°C
TA
Operative ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com