Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM8804TR
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 5Page - STMicroelectronics PM8804TR Datasheet HTML 6Page - STMicroelectronics PM8804TR Datasheet HTML 7Page - STMicroelectronics PM8804TR Datasheet HTML 8Page - STMicroelectronics PM8804TR Datasheet HTML 9Page - STMicroelectronics PM8804TR Datasheet HTML 10Page - STMicroelectronics PM8804TR Datasheet HTML 11Page - STMicroelectronics PM8804TR Datasheet HTML 12Page - STMicroelectronics PM8804TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID031629 Rev 1
9/27
PM8804
Electrical specifications
27
4.3
Electrical characteristic
VIN = 48 V, VC = open, GAT1 and GAT2 = open, TA = -40 °C to 85 °C unless otherwise
specified).
Table 5. Electrical characteristic(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Input voltage VIN
VIN
Input voltage
VIN rising
10
-
75
V
Power Good PGD
PGDON
Turn on threshold
PGD rising
765
815
865
mV
PGDOFF
Turn off threshold
PGD falling
PGDON
-120
PGDON
-100
PGDON
-80
mV
HV linear regulator VC(2)
VC
VCS, Internal default
set
-7.6
8.0
8.4
V
Regulator dropout
IC = 10 mA;
GATE1, GATE2 = open
-2.3
2.8
V
Current limit
GATE1, GATE2 = open
13
22
31
mA
VConoff
Turn off threshold
VC rising
-
8.3
-
V
Turn on threshold
VC falling
-
6.0
-
V
VCUV
UVR, release
VC rising
7.2
7.6
8
V
UVF, lock-out
VC falling
4.75
5
5.25
V
VCOV
OV, threshold
VC rising
14.8
15.3
16.0
V
Oscillator FSW
FSW
Frequency accuracy
In the range from 100 to 500
kHz
-±10
-
%
Frequency
Programmability
RFSW = 47 k
425
475
525
kHz
RFSW = 100 k
210
235
260
kHz
RFSW = 250 k
90
100
110
kHz
-
Frequency range
Typical value
100
-
1000
kHz
-
Fsw voltage
-
1.20
1.25
1.30
V
Delay time DT
-
GATE1 to GATE2 delay
time
RDT = 20 k GATE1 and
GATE2 open
-15
-
ns
RDT = 390 k GATE1 and
GATE2 open
-
195
-
ns
-
DT voltage
-
1.20
1.25
1.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com