Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 16 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 16 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 12Page - Texas Instruments SCBA017D Datasheet HTML 13Page - Texas Instruments SCBA017D Datasheet HTML 14Page - Texas Instruments SCBA017D Datasheet HTML 15Page - Texas Instruments SCBA017D Datasheet HTML 16Page - Texas Instruments SCBA017D Datasheet HTML 17Page - Texas Instruments SCBA017D Datasheet HTML 18Page - Texas Instruments SCBA017D Datasheet HTML 19Page - Texas Instruments SCBA017D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Vin
(6V - 14V)
From
controller
To
controller
Vout
GND
16
1
18
19
20
17
15
14
8
7
12
10
4
2
6
11
3
9
5
13
HS Sense
BST
HS Gate
SW
VGG
LS Gate
PGND
CSP
CSN
AGND
Vin
V
DIS
GG
SRE Mode
RDLY
ILIM
BP3
I MON
FLT
SRE
PWM
UCD7232
PP
PAD
1mH, 1.2mW
CSD16322Q5
CSD16401Q5
768W
0.22mF
Opt
47mF
47mF
330mF
4.7uF
22mF
22mF
3.01W
0.5W
2200pF
8.06kW
10.0kW
31.6kW
1mF
0.1mF
1mF
C11
C2
C3
Q1
Q2
C4
L1
C5
R1
R8
R2
C7
C8
C9
C6
C12
R5
R6
R7
U1
C1
2.49kW
R4
2.49kW
R3
R9
R10
0 W (Opt)
0W (Opt )
R11
1 W
B0540W
D1
R12
1.65kW
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
APPLICATION INFORMATION
EXAMPLE 20A POWER STAGE
A partial schematic of a 20A power conversion stage designed for 500kHz operation is shown in Figure 7.
Figure 7. Example 20A Power Stage
This power stage has been designed to operate with a nominal input voltage of 12V. It will perform well with input
voltages from 6V to 14V. The output voltage range is assumed to be 3.3V or lower. It has been configured to use
the internal VGG supply and operate strictly in synchronous mode. The controller and voltage feedback
components are not shown. This design works well with any of the UCD92xx family of Digital Power Controllers.
The first step in designing the power stage is selecting a nominal operating frequency. Lower switching
frequencies will reduce FET switching losses and driver gate currents, but will require higher inductor values to
keep inductor ripple current within reasonable values. Higher switching frequencies allow for smaller inductor
values, which likely reduces their physical size and DCR, but higher FET switching losses and gate drive power
may offset the efficiency gains achieved from reduced inductor DCR. 500kHz is a good starting point for power
stages in the 15A to 25A range.
INDUCTOR SELECTION
Once a switching frequency has been selected, an appropriate inductance value can now be selected. Ripple
current and saturation current are the two key parameters that drive inductor value selection. Ripple current is
the ac variation of the current through the inductor. It is superimposed on the average dc (load) current flowing
through the inductor. High values of ripple current cause increased core losses in the inductor, and require more
low ESR capacitance to keep the output ripple voltage to acceptable levels. Limit the inductor ripple current to
approximately 30% of the rated dc load current. The peak-to-peak ripple current in an inductor determined by the
voltage across the inductor, the time duration of that applied voltage, and the value of the inductor.
ΔIPP = VL × Δt / L
(10)
In a switching regulator, this equation can be rewritten to use the duty-cycle and switching frequency of the
high-side FET to calculate the ripple current.
ΔIPP = [(VIN – VOUT) × VOUT] / (VIN × FSW × L)
(11)
16
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com