Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 20 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 20 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 16Page - Texas Instruments SCBA017D Datasheet HTML 17Page - Texas Instruments SCBA017D Datasheet HTML 18Page - Texas Instruments SCBA017D Datasheet HTML 19Page - Texas Instruments SCBA017D Datasheet HTML 20Page - Texas Instruments SCBA017D Datasheet HTML 21Page - Texas Instruments SCBA017D Datasheet HTML 22Page - Texas Instruments SCBA017D Datasheet HTML 23Page - Texas Instruments SCBA017D Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
COMPUTING VALUES FOR RDLY and RHS Sense
RDLY sets the amount of blanking time for the high speed comparator that monitors the voltage drop across the
high-side FET during its on-time. This comparator fires when the high-side FET is conducting too much current.
Because of the time it takes for ringing to decay on the switching node, the comparator
“decision” should be
delayed for a short amount of time after the high-side FET is turned on. With a proper snubber network, a delay
time of 100ns should be sufficient to allow for proper over-current detection. Using the formula in the RDLY
section, value of 8.03k
Ω produces a 100ns delay. The nearest standard value is 8.06kΩ, so this is the value
used for R7.
Note that when the duty cycle is of shorter duration than the blanking time, the high-side fault sensing circuit is
blanked for the entire time. Thus there is no high-side FET protection when the duty cycle duration is shorter
than the RDLY blanking time. This condition commonly occurs during soft-start, when the output voltage is being
ramped up from zero, or when operating at high switching frequencies and attempting to produce low output
voltages from high input voltages. Keep this in mind when setting operating frequency and input to output voltage
ratios.
The first step in selecting a value for RHS Sense, is to determine what is the maximum allowable voltage drop
across the high-side FET. This is calculated from the RDS(ON) of the FETs, taking into account its likely junction
temperature when operating at the maximum current point, and by the maximum allowable FET current. The
RDS(ON) value on the data sheet is specified at 25°C and at a particular VGS voltage, typically 4.5V and 10V. In
this case, neither value is correct, since this design will applying approximately 6.2V to the gate. Additionally,
FET RDS(ON) has a high, positive temperature coefficient of typically 4000ppm/°C. This means for a 100°C rise in
junction temperature, the on-resistance will go up by 40%. For a fault condition, using a 125
°C junction
temperature is a reasonable assumption. A valid estimate of the RDS(ON) with 6V of enhancement at 125°C of the
CSD16322Q5 is 5m
Ω.
The second step is to calculate a maximum current value for the high-side FET. Use 150% of the rated output
current value, plus one half of the peak-to-peak inductor ripple current. For this example this gives a value of
1.5
× 20 × ½ × 5 = 32.5A. This level of current provides headroom for transients, start-up surge currents, and the
increase in inductor ripple current as the inductance falls with increasing current. The maximum allowable
voltage drop can now be calculated as just the product of the maximum current value and the
“hot” RDS(ON). This
produces a value of 162.5mV for this design. This should not be regarded as a precision value. Keep in mind
that the high-side FET protection is meant to be the last protection for the power stage to prevent catastrophic
damage to the power train. The maximum voltage drop value should be set high enough to prevent nuisance
trips of the protection circuitry under normal operation.
The value for RHS Sense can now be calculated. Its resistance, in kΩ, is equal to the maximum high-side voltage
drop, in mV, divided by 100. In our example this produces a value of 1.63k
Ω. Rounding this up to the nearest
standard value of 1.65k
Ω gives the value for R12.
SETTING THE ILIM THRESHOLD
The primary fault protection mechanism in the UCD7232 is the output current detection circuitry. An internal
comparator monitors the voltage on the ILIM and IMON pins. When the voltage on IMON exceeds the voltage on
ILIM, the FLT pin is asserted and power conversion stops. If a UCD92xx controller is used to drive the power
stage, it can also monitor the voltage on IMON and detect an over current condition. The threshold for the fault trip
point is easily set by firmware, making it flexible. The maximum current sense input voltage that can be correctly
digitally sampled by a UCD92xx controller is 2.5V. (The maximum programmable limit for the fast OC threshold is
2V.) For this design it was decided to use this 2.5V level as the threshold for the ILIM comparator. In this way the
digitally programmable controller will detect a slowly changing OC fault, and the ILIM comparator in the driver will
protect the system from a sudden increase in current. This corresponds to an output current of approximately
31A. All that needs to be done is to set up a voltage divider that will produce 2.5V at the ILIM pin. The BP3 pin
provides a convenient source of clean, regulated 3.3V. The value of R5 was arbitrarily set to 10k
Ω. Simple math
produces a value of 31.6k
Ω for R6. These values produce the desired 2.5V on ILIM. The voltage divider only
draws 80
μA from the BP3 pin, which is within the allowable limits.
20
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com