Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 22 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 22 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 18Page - Texas Instruments SCBA017D Datasheet HTML 19Page - Texas Instruments SCBA017D Datasheet HTML 20Page - Texas Instruments SCBA017D Datasheet HTML 21Page - Texas Instruments SCBA017D Datasheet HTML 22Page - Texas Instruments SCBA017D Datasheet HTML 23Page - Texas Instruments SCBA017D Datasheet HTML 24Page - Texas Instruments SCBA017D Datasheet HTML 25Page - Texas Instruments SCBA017D Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Tocurrentsense
circuitry
InductorPCBpads
InductorPCBpads
Tocurrentsense
circuitry
Right!
Wrong!
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
INDUCTOR CURRENT SENSE TRACE LAYOUT
Since matching of the L/DCR to RC time constants is important to obtain an accurate replica of the inductor
current, the PCB layout must be done correctly to insure that the voltage drop across the inductor is sensed
properly. For best results, the current sensing connections should be made by separate, non-current-carrying
traces that connect directly to the inductor solder pads. The sensing connections should not be made to current
carrying traces that lead to the switching node or the output capacitors. An example of a correct and incorrect
layout is given in Figure 8.
Figure 8. Inductor Current Sense Trace Layout
The current carrying traces have finite resistance that exhibit an additional voltage drop which will contaminate
the sensed readings. It represents an additional DCR that is not taken into account in the current sensing
equations. The trace resistance varies with the thickness of the PCB copper used on the board. This thickness
can vary from batch to batch of pc boards, so the additional resistance of the traces is not a tightly controlled
value. Even a short length of PCB trace can introduce a significant amount of added resistance. Remember,
milliohms matter. By making a Kelvin connection to the inductor pads, the effects of PCB trace resistance can be
minimized.
LIMITATIONS OF DCR CURRENT SENSING
The accuracy of the DCR current sense method is limited by the stability of the DCR and L values of the power
inductor. In practice, the inductance value of the power inductor decreases with increasing load current. Most
inductors will exhibit a 20% to 30% reduction in inductance as load current changes from no load to full rated
current. The DCR sense method cannot detect inductor saturation or a cracked core, both of which cause greatly
increased ac current to flow in the inductor.
The resistance of the inductor windings is strongly affected by temperature. Most inductors use copper wire, and
copper has a resistance temperature coefficient of approximately +3800ppm/
°C. This means that if the winding
temperature of the inductor rises by 40
°C, its DCR will increase by 15.2%. This will cause the sensed voltage at
CSP and CSN to increase by 15.2% as well for the same current flow. If high accuracy of measured current is
important, then some form of temperature correction needs to be applied to the DCR sensed reading. This
requires some form of temperature sensing and a method to correlate the sensed temperature to the actual
winding temperature.
Since it is impractical to place a temperature sensor inside the inductor to sense the winding temperature, a
practical alternative is to sense the high-side FET device temperature. Tests have shown that a small analog-
output temperature sensor placed under the high-side FET on the back side of the board works well as a
substitute. Its temperature output correlates strongly to the inductor winding temperature. The voltage
proportional to temperature can be fed to the Temp input of the UCD92xx family of Digital Power Controllers. The
firmware internal to the controller can use the temperature reading to correct for the temperature effects on the
DCR current sense readings.
22
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com