Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 5 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 5 Page - Texas Instruments

  SCBA017D Datasheet HTML 1Page - Texas Instruments SCBA017D Datasheet HTML 2Page - Texas Instruments SCBA017D Datasheet HTML 3Page - Texas Instruments SCBA017D Datasheet HTML 4Page - Texas Instruments SCBA017D Datasheet HTML 5Page - Texas Instruments SCBA017D Datasheet HTML 6Page - Texas Instruments SCBA017D Datasheet HTML 7Page - Texas Instruments SCBA017D Datasheet HTML 8Page - Texas Instruments SCBA017D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Power Input Voltage (Internally generated VGG)
4.7
12
15
V
VIN
Power Input Voltage (Externally supplied VGG)
2.2
–
15
V
VGG
Externally supplied gate drive voltage
4.6
6
6.5
V
TJ
Operating junction temperature range
–40
–
125
°C
ELECTRICAL CHARACTERISTICS
VIN = 12V, 4.7 µF from VGG to PGND, 1 µF from BP3 to AGND, 0.22 µF from BST to SW, TA = TJ = –40°C to 125°C,
RDLY = 8.06k
Ω, SRE Mode = 3.3V, VGG DIS tied to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Supply current
Outputs not switching, VIN = 5 V, PWM = LOW
8
10
mA
Supply current
Outputs not switching, VIN = 15 V, PWM = LOW
8
10
mA
GATE DRIVE UNDER-VOLTAGE LOCKOUT
VGG
UVLO OFF
VGG rising
4.4
4.6
V
VGG
UVLO ON
VGG falling
4.1
4.3
V
VGG
UVLO hysteresis
80
mV
VGG SUPPLY GENERATOR
VIN ≥ 7 V, I_VGG ≤ 100 mA
5
V
VGG
VIN = 12 V, I_VGG ≤ 80 mA
5.6
6.2
6.8
V
Dropout
VIN = 4.75 V, I_VGG ≤ 100 mA
350
mV
DIGITAL INPUT SIGNALS (PWM, SRE)
VIH_PWM
Positive-going input threshold voltage
1.8
2
V
VIL_PWM
Negative-going input threshold voltage
0.80
0.90
V
PWM
Input voltage hysteresis, (VIH – VIL)
0.90
V
VIH_SRE
Positive-going input threshold voltage
1.5
1.7
V
VIL_SRE
Negative-going input threshold voltage
0.9
1.00
V
SRE
Input voltage hysteresis, (VIH – VIL)
0.45
V
VPWM = 5 V
140
IPWM
Input current
VPWM = 3.3 V
70
µA
VPWM = 0 V
–63
VSRE = 5 V
190
ISRE
Input current
VSRE = 3.3 V
12
µA
VSRE = 0 V
–330
VPWM transition from 0 V to 1.65 V,
tHLD_R
3-state hold-off time (1)
450
600
750
ns
Time until VLS Gate falls to 0 V
VPWM transition from 1.65 V to 0 V,
tHLD_R
3-state recovery time (1)
150
330
500
ns
Time until VLS Gate rises to VGG
PWM minimum pulse to force HS gate
tmin
CL = 3 nF at HS gate, VPWM = 3.3 V
50
ns
pulse(1)
PWM frequency(1)
QgHS + QgLS < 46 nC, VGG = 6.4 V
2
MHz
OUTPUT CURRENT LIMIT (ILIM)
ILIM Input impedance(1)
250
k
Ω
ILIM set point range(1)
0.5
3
V
FLT output high level
ILOAD = –2 mA
2.7
3.3
V
FLT output low level(1)
ILOAD = 2 mA
0.1
0.6
V
V(ILIM) = 1.50 V, (CSP – CSN) = 20 mV,
Fault detection time. Delay until HS Gate
tFAULT_HS
100
150
ns
falling.(1)
CSN = 1.80 V
V(ILIM) = 1.50 V, (CSP – CSN) = 20 mV,
Fault detection time. Delay until LS Gate
tFAULT_LS
150
200
ns
rising.(1)
CSN = 1.80 V
(1)
As designed and characterized. Not 100% tested in production.
Copyright
© 2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com